Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33596 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33596 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33596
Download  MC33596 Download
File Size   522.86 Kbytes
Page   58 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned UHF Receiver for Data Transfer Applications

MC33596 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33596 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33596
Download  MC33596 Click to download

File Size   522.86 Kbytes
Page   58 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description PLL Tuned UHF Receiver for Data Transfer Applications

MC33596 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33596 Product details

Overview
The MC33596 is a highly integrated receiver designed for low-voltage applications. It includes a programmable PLL for multi-channel applications, an RSSI circuit, a strobe oscillator that periodically wakes up the receiver while a data manager checks the content of incoming messages. A configuration switching feature allows automatic changing of the configuration between two programmable settings without the need of an MCU.

Features
General:
• 304 MHz, 315 MHz, 426 MHz, 434 MHz, 868 MHz, and 915 MHz ISM bands
• Choice of temperature ranges:
    — –40°C to +85°C
    — –20°C to +85°C
• OOK and FSK reception
• 20 kbps maximum data rate using Manchester coding
• 2.1 V to 3.6 V or 5 V supply voltage
• Programmable via SPI
• 6 kHz PLL frequency step
• Frequency hopping capability with PLL toggle time below 30 µs
• Current consumption:
    — 10.3 mA in RX mode
    — Less then 1 mA in RX mode with strobe ratio = 1/10
    — 260 nA standby and 24 μA off currents
• Configuration switching — allows fast switching of two register banks

Receiver:
• –106.5 dBm sensitivity, up to –108 dBm in FSK 2.4 kbps
• Digital and analog RSSI (received signal strength indicator)
• Automatic wakeup function (strobe oscillator)
• Embedded data processor with programmable word recognition
• Image cancelling mixer
• 380 kHz IF filter bandwidth
• Fast wakeup time




Similar Part No. - MC33596

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
MC33596FCAE NXP-MC33596FCAE Datasheet
1Mb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
logo
Freescale Semiconductor...
MC33596FCAE/R2 FREESCALE-MC33596FCAE/R2 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
More results


Similar Description - MC33596

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33591 MOTOROLA-MC33591 Datasheet
699Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
ROMEO2 MOTOROLA-ROMEO2 Datasheet
681Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33592FTA MOTOROLA-MC33592FTA Datasheet
524Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
Freescale Semiconductor...
MC33596 FREESCALE-MC33596_09 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33596 FREESCALE-MC33596_10 Datasheet
950Kb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
MC33592FTAER2 FREESCALE-MC33592FTAER2 Datasheet
530Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
logo
NXP Semiconductors
MC33591 NXP-MC33591 Datasheet
798Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33593 NXP-MC33593 Datasheet
780Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33594 NXP-MC33594 Datasheet
727Kb / 28P
PLL Tuned UHF Receiver for Data Transfer Applications
2002
MC33596 NXP-MC33596 Datasheet
1Mb / 70P
PLL Tuned UHF Receiver for Data Transfer Applications
Rev. 5, 02/2010
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com