Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1238563 Datasheet (PDF) - PHOENIX CONTACT

1238563 Datasheet PDF - PHOENIX CONTACT
Part # 1238563
Download  1238563 Download
File Size   268.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MSL-4CON-M16XL/0,5X - Device connector rear mounting

1238563 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238563 Datasheet PDF - PHOENIX CONTACT

Part # 1238563
Download  1238563 Click to download

File Size   268.73 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12MSL-4CON-M16XL/0,5X - Device connector rear mounting

1238563 Datasheet (HTML) - PHOENIX CONTACT


1238563 Product details

Device connector rear mounting, Power, 4-position, Pin, straight, M12, coding: L, Rear mounting,
M16 x 1.5, Individual wires, cable length: 0.5 m, 2.50 mm2, PEX litz wire, Item is lead-free in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238563

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238560 PHOENIX-1238560 Datasheet
317Kb / 8P
SACC-DSI-M12MSS-4P-M16XL/1,5PEX - Device connector rear mounting
1238561 PHOENIX-1238561 Datasheet
300Kb / 9P
SACC-DSI-M12FSS-4P-M16XL/1,0PEX - Device connector, rear mounting
1238562 PHOENIX-1238562 Datasheet
300Kb / 9P
SACC-DSI-M12FSS-4P-M16XL/1,5PEX - Device connector, rear mounting
1238564 PHOENIX-1238564 Datasheet
268Kb / 9P
SACC-DSI-M12MSL-4CON-M16XL/1,0X - Device connector rear mounting
1238565 PHOENIX-1238565 Datasheet
270Kb / 9P
SACC-DSI-M12MSL-4CON-M16XL/1,5X - Device connector rear mounting
More results


Similar Description - 1238563

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415297 PHOENIX-1415297 Datasheet
254Kb / 8P
SACC-DSI-M12MSL-4FE-M16XL/0,2 - Device connector, rear mounting
1425584 PHOENIX-1425584 Datasheet
308Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GR - Device connector, rear mounting
1419742 PHOENIX-1419742 Datasheet
521Kb / 11P
SACC-DSI-M12MS-4CON-M16 - Device connector, rear mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
1425588 PHOENIX-1425588 Datasheet
345Kb / 10P
SACC-DSI-M12MSL-4CON-M16XL/0,2 - Device connector, rear mounting
1425589 PHOENIX-1425589 Datasheet
314Kb / 10P
SACC-DSI-M12FSL-4CON-M16XL/0,2 - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425592 PHOENIX-1425592 Datasheet
347Kb / 9P
SACC-DSI-M12MSL4CON-M16XL-L180 - Device connector, rear mounting
1425593 PHOENIX-1425593 Datasheet
315Kb / 9P
SACC-DSI-M12FSL4CON-M16XL-L180 - Device connector, rear mounting
1239442 PHOENIX-1239442 Datasheet
340Kb / 8P
SACC-DSI-M12MST-4CON-M16/0,5X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com