Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B05S-G Datasheet (PDF) - Comchip Technology

B05S-G Datasheet PDF - Comchip Technology
Part # B05S-G
Download  B05S-G Download
File Size   50.67 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Silicon General Purpose Bridge Rectifier

B05S-G Datasheet (PDF)

Go To PDF Page Download Datasheet
B05S-G Datasheet PDF - Comchip Technology

Part # B05S-G
Download  B05S-G Click to download

File Size   50.67 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description Silicon General Purpose Bridge Rectifier

B05S-G Datasheet (HTML) - Comchip Technology


B05S-G Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current: 0.8 A
RoHS Device

Features
- Rating to 1000V PRV.
- Ideal for printed circuit board.
- Reliable low cost construction utilizing molded plastic technique results in inexpensive product.
- Pb free product.

Mechanical data
- Polarity: Symbol molded on body.
- Weight: 0.125 grams.
- Mounting position: Any.




Similar Part No. - B05S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
B05S-G COMCHIP-B05S-G Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
B05S-G COMCHIP-B05S-G_12 Datasheet
102Kb / 4P
SMD General Purpose Bridge Rectifier Diode
More results


Similar Description - B05S-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S-G COMCHIP-DF15005S-G Datasheet
51Kb / 2P
SMD General Purpose Bridge Rectifier
logo
Solid States Devices, I...
RC0087C SSDI-RC0087C_15 Datasheet
115Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Central Semiconductor C...
CR5-010 CENTRAL-CR5-010_15 Datasheet
63Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
CR6A4GPP CENTRAL-CR6A4GPP_15 Datasheet
169Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
logo
Microdiode Semiconducto...
1A1 CHENDA-1A1 Datasheet
583Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N5400 CHENDA-1N5400 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
BY127 CHENDA-BY127 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
RL201 CHENDA-RL201 Datasheet
533Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
1N4001S CHENDA-1N4001S_V01 Datasheet
624Kb / 2P
GENERAL PURPOSE SILICON RECTIFIER
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com