Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDVJLPL1.14 Datasheet (PDF) - OSRAM GmbH

GDVJLPL1.14 Datasheet PDF - OSRAM GmbH
Part # GDVJLPL1.14
Download  GDVJLPL1.14 Download
File Size   1839.77 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.

GDVJLPL1.14 Datasheet (PDF)

Go To PDF Page Download Datasheet
GDVJLPL1.14 Datasheet PDF - OSRAM GmbH

Part # GDVJLPL1.14
Download  GDVJLPL1.14 Click to download

File Size   1839.77 Kbytes
Page   22 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.

GDVJLPL1.14 Datasheet (HTML) - OSRAM GmbH


GDVJLPL1.14 Product details

Features
- Package: chip level conversion
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Radiant Flux: typ. 650 mW
- Radiant Efficiency: typ. 64 %




Similar Part No. - GDVJLPL1.14

ManufacturerPart #DatasheetDescription
logo
ams AG
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
GDVJLPE1.14-T1T4-AD-1 AMSCO-GDVJLPE1.14-T1T4-AD-1 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
More results


Similar Description - GDVJLPL1.14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23105 MACOM-V23105 Datasheet
498Kb / 11P
The Best Relaytion
IM07TS MACOM-IM07TS Datasheet
610Kb / 10P
The Best Relaytion
IM00TS MACOM-IM00TS Datasheet
795Kb / 11P
The Best Relaytion
logo
NXP Semiconductors
BGU8007 PHILIPS-BGU8007 Datasheet
331Kb / 2P
The best reception of GNSS signals with the smallest footprint
October 2011
logo
Tyco Electronics
MT2-C93422 MACOM-MT2-C93422 Datasheet
488Kb / 9P
The Best Relaytion
logo
STMicroelectronics
AN3994 STMICROELECTRONICS-AN3994 Datasheet
2Mb / 53P
One of the bigger challenges
02-Dec-2011
logo
Seoul Semiconductor
STF0A36B SEOUL-STF0A36B Datasheet
986Kb / 21P
The Best lm-W in Full Color Products
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
logo
Seoul Semiconductor
STF0A36C SEOUL-STF0A36C Datasheet
714Kb / 18P
The Best lm/W in Full Color Products
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com