Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTQ99G.01 Datasheet (PDF) - OSRAM GmbH

LTQ99G.01 Datasheet PDF - OSRAM GmbH
Part # LTQ99G.01
Download  LTQ99G.01 Download
File Size   1818.6 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The Chip LED 0603 is the product of choice for status indication in electronics.

LTQ99G.01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTQ99G.01 Datasheet PDF - OSRAM GmbH

Part # LTQ99G.01
Download  LTQ99G.01 Click to download

File Size   1818.6 Kbytes
Page   23 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description The Chip LED 0603 is the product of choice for status indication in electronics.

LTQ99G.01 Datasheet (HTML) - OSRAM GmbH


LTQ99G.01 Product details

Features
- Package: SMT package 0603, clear epoxy
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 150°
- Color: λdom = 528 nm (● true green)
- Corrosion Robustness Class: 2B
- ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - LTQ99G.01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 21P
LCD Backlighting
LTQ39E OSRAM-LTQ39E Datasheet
1Mb / 22P
Electronic Equipment
LTQ39E-Q1OO-25-1 OSRAM-LTQ39E-Q1OO-25-1 Datasheet
1Mb / 21P
Signal and Symbol Luminary
LTQ39E-Q1OO-25-1 OSRAM-LTQ39E-Q1OO-25-1 Datasheet
1Mb / 21P
LCD Backlighting
LTQ39E-Q1OO-25-1 OSRAM-LTQ39E-Q1OO-25-1 Datasheet
1Mb / 22P
Electronic Equipment
More results


Similar Description - LTQ99G.01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
In power electronics the choice of the switch to be used is always very important
03-Jun-2004
logo
Murata Manufacturing Co...
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
lead is not contained in the product
NCP18XQ102E03RB MURATA-NCP18XQ102E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XQ471E03RB MURATA-NCP18XQ471E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
lead is not contained in the product
NCP18XW332E03RB MURATA-NCP18XW332E03RB Datasheet
189Kb / 3P
lead is not contained in the product
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
LED Indication of Status and Fault Conditions
Rev 1; 6/20
MAX14917EVKIT MAXIM-MAX14917EVKIT Datasheet
1Mb / 11P
LED Indication of Channel Status and Fault Conditions
Rev 0; 4/20
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com