Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4352000 Datasheet (PDF) - Turck, Inc.

4352000 Datasheet PDF - Turck, Inc.
Part # 4352000
Download  4352000 Download
File Size   97.44 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

4352000 Datasheet (PDF)

Go To PDF Page Download Datasheet
4352000 Datasheet PDF - Turck, Inc.

Part # 4352000
Download  4352000 Click to download

File Size   97.44 Kbytes
Page   2 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Capacitive Sensor

4352000 Datasheet (HTML) - Turck, Inc.


4352000 Product details

Features
■Rectangular, height 20mm
■Active face on top
■Plastic, PBT‐GF30‐V0
■Fine adjustment via potentiometer
■AC 2-wire, 20…250 VAC
■NO contact
■Cable connection
Functional principle
Capacitive proximity switches are designed
for non-contact and wear-free detection
of electrically conductive as well as nonconductive metal objects.




Similar Part No. - 4352000

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4352 VCC-4352 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 (3mm) LEDs
logo
Heyco.
4352 HEYCO-4352 Datasheet
158Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
4352 HEYCO-4352 Datasheet
152Kb / 1P
HEYClean® Brass Pressure Equalization and Drain Plugs
logo
Adafruit Industries
4352 ADAFRUIT-4352 Datasheet
422Kb / 2P
Adafruit 4x4 NeoTrellis Feather M4 Kit Pack
9-10-19
logo
Weidmuller
4352940000 WEIDMULLER-4352940000 Datasheet
161Kb / 3P
PF RS 100 BK 2000MM
More results


Similar Description - 4352000

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
CBN2-F46-E3 PF-CBN2-F46-E3 Datasheet
244Kb / 2P
Capacitive sensor
CBN15-30GK60-E2 PF-CBN15-30GK60-E2 Datasheet
199Kb / 2P
Capacitive sensor
CCN15-30GS60-E2 PF-CCN15-30GS60-E2 Datasheet
227Kb / 2P
Capacitive sensor
CJ1-12GK-N-15M PF-CJ1-12GK-N-15M Datasheet
241Kb / 2P
Capacitive sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com