Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet (PDF) - Texas Instruments

AM67 Datasheet PDF - Texas Instruments
Part # AM67
Download  AM67 Download
File Size   4321.09 Kbytes
Page   235 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM67x Processors

AM67 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM67 Datasheet PDF - Texas Instruments

Part # AM67
Download  AM67 Click to download

File Size   4321.09 Kbytes
Page   235 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AM67x Processors

AM67 Datasheet (HTML) - Texas Instruments


AM67 Product details

1 Features
Processor Cores:
• Up to Quad 64-bit Arm® Cortex®-A53
microprocessor subsystem at up to 1.4GHz
– Quad-core Cortex-A53 cluster with 512KB L2
shared cache with SECDED ECC
– Each A53 core has 32KB L1 DCache with
SECDED ECC and 32KB L1 ICache with Parity
protection
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated as part of MCU Channel with FFI
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
– 512KB SRAM with SECDED ECC
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Device Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Single-core Arm® Cortex®-R5F at up to 800MHz,
integrated to support Run-time Management
– 32KB ICache, 32KB L1 DCache, and 64KB
TCM with SECDED ECC on all memories
• Two Deep Learning Accelerators (up to 4 TOPS
total), each with:
– C7x floating point, up to 40 GFLOPS, 256-bit
Vector DSP at up to 1.0GHz
– Matrix Multiply Accelerator (MMA), up to 2
TOPS (8b) at up to 1.0GHz
– 32KB L1 DCache with SECDED ECC and
64KB L1 ICache with Parity protection
– 2.25MB of L2 SRAM with SECDED ECC
• Depth and Motion Processing Accelerators
(DMPAC)
– Dense Optical Flow (DOF) Accelerator
– Stereo Disparity Engine (SDE) Accelerator
• Vision Processing Accelerators (VPAC) with Image
Signal Processor (ISP) and multiple vision assist
accelerators:
– 600MP/s ISP
– Support for 12-bit RGB-IR
– Support for up to 16-bit input RAW format
– Line support up to 4096
– Wide Dynamic Range (WDR), Lens Distortion
Correction (LDC), Vision Imaging Subsystem
(VISS), and Multi-Scalar (MSC) support
• Output color format : 8-bits, 12-bits, and
YUV 4:2:2, YUV 4:2:0, RGB, HSV/HSL
Multimedia:
• Display subsystem
– Triple display support over OLDI/LVDS (1x
OLDI-DL, 1x or 2x OLDI-SL), DSI or DPI
• OLDI-SL (Single Link): up to 1920 x 1080 at
60fps (165-MHz Pixel Clock)
• OLDI-DL (Dual Link): up to 3840 x 1080 at
60fps (150-MHz Pixel Clock)
• MIPI® DSI: with 4 Lane MIPI® D-PHY
supports up to 3840 x 1080 at 60fps (300-
MHz Pixel Clock)
• DPI (24-bit RGB parallel interface): up to
1920 x 1080 at 60fps (165-MHz pixel clock)
– Four display pipelines with hardware overlay
support. A maximum of two display pipelines
may be used per display.
– Supports safety features such as freeze frame
detection and data correctness check
• 3D Graphics Processing Unit
– IMG BXS-4-64 with 256KB cache
– Up to 50 GFLOPS
– Single shader core
– OpenGL ES3.2 and Vulkan 1.2 API support
• Four Camera Serial Interface (CSI-2) Receiver
with 4 Lane D-PHY
– MIPI® CSI-2 v1.3 Compliant + MIPI® D-PHY
1.2
– Support for 1,2,3 or 4 data lane mode up to
2.5Gbps per lane
– ECC verification/correction with CRC check +
ECC on RAM
– Virtual Channel support (up to 16)
– Ability to write stream data directly to DDR via
DMA
• One CSI2.0 Transmitter with 4 Lane D-PHY
(shared with MIPI DSI)
• Video Encoder/Decoder
– Support for HEVC (H.265) Main profiles at
Level 5.1 High-tier
– Support for H.264 BaseLine/Main/High Profiles
at Level 5.2
– Support for up to 4K UHD resolution
(3840 × 2160)
• Up to 400MP/s operation
Memory Subsystem:
• On-chip RAM dedicated to key processing cores
– 256KB of On-Chip RAM (OCRAM) with
SECDED ECC
– 256KB of On-Chip RAM with SECDED ECC in
SMS Subsystem
– 512KB of On-chip RAM with SECDED ECC in
Cortex-R5F MCU Subsystem
– 64KB of On-chip RAM with SECDED ECC in
R5F Device Manager Subsystem
– 64KB of On-chip RAM with SECDED ECC in
R5F Run-Time Manager Subsystem
– 2.25MB of L2 SRAM with SECDED ECC in
each C7x Deep Learning Accelerator (up to
4.5MB total)
• DDR Subsystem (DDRSS)
– Supports LPDDR4 memory types
– 32-bit data bus with inline ECC
– Supports speeds up to 4000MT/s
– Max LPDDR4 size of 8GB
Functional Safety:
• Functional Safety-Compliant targeted (on select
part numbers)
– Developed for functional safety applications
– Documentation will be available to aid IEC
61508 functional safety system design
– Systematic capability up to SIL 3 targeted
– Hardware Integrity up to SIL 2 targeted
– Safety-related certification
• IEC 61508 planned
Security:
• Secure boot supported
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
– Secure storage support
– Replay Protected Memory Block (RPMB)
support
• Dedicated Security Controller with user
programmable HSM core and dedicated security
DMA & IPC subsystem for isolated processing
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
• Supports cryptographic cores
– AES – 128-/192-/256-Bit key sizes
– SHA2 – 224-/256-/384-/512-Bit key sizes
– DRBG with true random number generator
– PKA (Public Key Accelerator) to Assist in
RSA/ECC processing for secure boot
• Debugging security
– Secure software controlled debug access
– Security aware debugging
High-Speed Interfaces:
• PCI-Express® Gen3 single lane controller (PCIE)
– Gen1 (2.5GT/s), Gen2 (5.0GT/s), and Gen3
(8.0GT/s) operation with auto-negotiation
• Integrated Ethernet switch supporting (total 2
external ports)
– RMII(10/100) or RGMII (10/100/1000) or SGMII
(1Gbps)
– IEEE1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority based flow control
– Time Sensitive Networking (TSN) support
– Four CPU H/W interrupt Pacing
– IP/UDP/TCP checksum offload in hardware
• USB3.1-Gen1 Port
– One enhanced SuperSpeed Gen1 port
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device
– Integrated USB VBUS detection
• USB2.0 Port
– Port configurable as USB host, USB peripheral,
or USB Dual-Role Device (DRD mode)
– Integrated USB VBUS detection
General Connectivity and Automotive interfaces:
• 9x Universal Asynchronous Receiver-Transmitters
(UART)
• 5x Serial Peripheral Interface (SPI) controllers
• 7x Inter-Integrated Circuit (I2C) ports
• 5x Multichannel Audio Serial Ports (McASP)
• General-Purpose I/O (GPIO), All LVCMOS I/O can
be configured as GPIO
• 4x Controller Area Network (CAN) modules with
CAN-FD support
Media and Data Storage:
• 3x Secure Digital® (SD®) (4b+4b+8b) interfaces
– 1x 8-bit eMMC interface up to HS200 speed
– 2x 4-bit SD/SDIO interfaces up to UHS-I
– Compliant with eMMC 5.1, SD 3.0, and SDIO
Version 3.0
• 1× General-Purpose Memory Controller (GPMC)
up to 133MHz
• OSPI/QSPI with DDR / SDR support
– Support for Serial NAND and Serial NOR Flash
– 4GBytes memory address support
– XIP mode with optional on-the-fly encryption
Technology / Package:
• 16-nm FinFET technology
• 18 mm x 18 mm, 0.65 mm pitch with VCA (AMW)
Companion Power Management Solution:
• Functional Safety-Compliant support up to ASIL-B
or SIL-2 targeted
• TPS6522x PMIC
• TPS6287x Stackable, Fast Transient Bucks

2 Applications
• Human Machine Interface (HMI)
• Hospital patient monitoring
• Industrial PC
• Building security system
• Off-highway vehicle
• Test and measurement
• Energy storage systems
• Video Surveillance
• Machine Vision
• Industrial mobile robot (AGV/AMR)
• Front camera systems

3 Description
The AM67x scalable processor family is based on the evolutionary Jacinto™ 7 architecture, targeted at Smart
Vision Camera and General Compute applications and built on extensive market knowledge accumulated over
a decade of TI’s leadership in the Vision processor market. The AM67x family is built for a broad set of
cost-sensitive high performance compute applications in Factory Automation, Building Automation, and other
markets.
The AM67x provides high performance compute technology for both traditional and deep learning algorithms
at industry leading power/performance ratios with a high level of system integration to enable scalability and
lower costs for advanced vision camera applications. Key cores include the latest Arm and GPU processors for
general compute, next generation DSP with scalar and vector cores, dedicated deep learning and traditional
algorithm accelerators, an integrated next generation imaging subsystem (ISP), video codec, and MCU cores. All
protected by industrial-grade security hardware accelerators.
AM67x contains up to four Arm® Cortex®-A53 cores with 64-bit architecture, a Vision Processing Accelerator
(VPAC) with Image Signal Processor (ISP) and multiple vision assist accelerators, Deep Learning (DL), Dense
Optical Flow (DOF) video and 3D Graphics accelerators, a Cortex®-R5F MCU Island core and two Cortex®-
R5F cores for Device and Run-time Management. The Cortex-A53s provide the powerful computing elements
necessary for Linux applications as well as the implementation of traditional vision computing based algorithms.
Building on the existing world-class ISP, TI’s 7th generation ISP includes flexibility to process a broader
sensor suite including RGB-InfraRed (RGB-IR), support for higher bit depth, and features targeting analytics
applications. Key cores include two “C7x” next generation DSP with scalar and vector cores, dedicated “MMA”
deep learning accelerator combined with a large 2.25MB L2 memory enabling performance up to 4 TOPS
within the lowest power envelope in the industry when operating at the typical automotive worst case junction
temperature of 125°C.
The AM67x integrates high-speed IOs including a PCIe Gen-3 (1L) and 3-port Gigabit Ethernet switch with
one internal port and two external ports with TSN support. In addition, an extensive peripherals set is included
in AM67x to enable system level connectivity such as USB, MMC/SD, four CSI2.0 Camera interface, OSPI,
CAN-FD and GPMC for parallel host interface to an external ASIC/FPGA. AM67x supports secure boot for IP
protection with the built-in HSM (Hardware Security Module) and employs advanced power management support
for power-sensitive applications.
ADVANCE INFORMATION




Similar Part No. - AM67

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM67 TI-AM67 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6734 TI-AM6734 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6734AKGHIAMWR TI-AM6734AKGHIAMWR Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6754 TI-AM6754 Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
AM6754AKGHIAMWR TI-AM6754AKGHIAMWR Datasheet
4Mb / 237P
AM67x Processors
SEPTEMBER 2024
More results


Similar Description - AM67

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX1300 PHILIPS-PNX1300 Datasheet
5Mb / 548P
Media Processors
2002 Feb 15
logo
Micronas
TPU3035 MICRONAS-TPU3035 Datasheet
1Mb / 73P
Teletext Processors
logo
Analog Devices
ADSP-21369KSWZ-2A AD-ADSP-21369KSWZ-2A Datasheet
1Mb / 60P
SHARC Processors
Rev. E
ADSP-21364BSWZ-1AA AD-ADSP-21364BSWZ-1AA Datasheet
1Mb / 56P
SHARC Processors
Rev. G
logo
Freescale Semiconductor...
P1014NSE5HFA FREESCALE-P1014NSE5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
OMAP3530 TI1-OMAP3530_14 Datasheet
2Mb / 266P
Applications Processors
logo
Freescale Semiconductor...
P1010NXN5HFA FREESCALE-P1010NXN5HFA Datasheet
209Kb / 2P
Communications Processors
logo
Texas Instruments
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
Sitara Processors
logo
Maxim Integrated Produc...
71M6545 MAXIM-71M6545_V01 Datasheet
2Mb / 133P
Metrology Processors
2013
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com