Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

786XX/XMC-R Datasheet (PDF) - Murata Power Solutions Inc.

786XX/XMC-R Datasheet PDF - Murata Power Solutions Inc.
Part # 786XX/XMC-R
Download  786XX/XMC-R Download
File Size   162.83 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description General Purpose Pulse Transformers

786XX/XMC-R Datasheet (PDF)

Go To PDF Page Download Datasheet
786XX/XMC-R Datasheet PDF - Murata Power Solutions Inc.

Part # 786XX/XMC-R
Download  786XX/XMC-R Click to download

File Size   162.83 Kbytes
Page   7 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description General Purpose Pulse Transformers

786XX/XMC-R Datasheet (HTML) - Murata Power Solutions Inc.


786XX/XMC-R Product details

RoHS compliant
4 Configurations
Primary inductance to 10mH
1kVrms isolation
Industry standard pinout
Surface mount option
UL 94 V-0 package materials
Low profile
Toroidal construction
Fully encapsulated




Similar Part No. - 786XX/XMC-R

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
786 CANDD-786 Datasheet
142Kb / 2P
Pulse Transformers
logo
List of Unclassifed Man...
786 ETC2-786 Datasheet
214Kb / 1P
Wiha Quality Tools Toll Free: (800) 494-6104
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
logo
Amphenol Wilcoxon Sensi...
786-500 WILCOXON-786-500 Datasheet
256Kb / 1P
Low-frequency accelerometer
Rev.B.1 10/18
786-500-D2 WILCOXON-786-500-D2 Datasheet
280Kb / 1P
Class I Div 2 certified low-frequency accelerometer
Rev.B.1 12/18
More results


Similar Description - 786XX/XMC-R

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_786 MURATA-KMP_786 Datasheet
159Kb / 4P
General Purpose Pulse Transformers
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS Datasheet
47Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Bothhand USA, LP.
6T245A BOTHHAND-6T245A Datasheet
61Kb / 1P
GENERAL PURPOSE TRANSFORMERS
logo
XFMRS Inc.
XF2006CS XFMRS-XF2006CS_10 Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CS XFMRS-XF2006CS Datasheet
72Kb / 1P
General Purpose Transformers
XF2006CSIT XFMRS-XF2006CSIT Datasheet
34Kb / 1P
General Purpose Transformers
logo
Murata Power Solutions ...
786 MURATA-PS-786 Datasheet
110Kb / 4P
General Purpose Pulse Transformers
786J MURATA-PS-786J Datasheet
121Kb / 4P
Surface Mount General Purpose Pulse Transformers
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com