Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS9919AB Datasheet (PDF) - ML Accessories Limited. All rights reserved.

CS9919AB Datasheet PDF - ML Accessories Limited.  All rights reserved.
Part # CS9919AB
Download  CS9919AB Download
File Size   367.61 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 13A 1G SP Switched Socket with Dual USB AC 12V DC 1.5A

CS9919AB Datasheet (PDF)

Go To PDF Page Download Datasheet
CS9919AB Datasheet PDF - ML Accessories Limited.  All rights reserved.

Part # CS9919AB
Download  CS9919AB Click to download

File Size   367.61 Kbytes
Page   2 Pages
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.
Description 13A 1G SP Switched Socket with Dual USB AC 12V DC 1.5A

CS9919AB Datasheet (HTML) - ML Accessories Limited. All rights reserved.


CS9919AB Product details

DESCRIPTION
13A 1G SP Switched Socket with Dual USB A+C 12V DC 1.5A
[Max. 18W] - Antique Brass with Black Insert
ADDITIONAL FEATURES
USB-C ONLY: 5V DC 3A (15W) / 9V DC 2A (18W) / 12V DC
1.5A (18W), USB-A ONLY: 5V DC 3A (15W) / 9V DC 2A (18W) /
12V DC 1.5A (18W), BOTH PORTS IN USE: 5V DC 4.0A (20W)
SHARED




Similar Part No. - CS9919AB

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
CS9905BC KNIGHTSBRIDGE-CS9905BC Datasheet
240Kb / 1P
13A Socket Bluetooth Speaker and Dual USB AA
08/04/2024
CS9905BCG KNIGHTSBRIDGE-CS9905BCG Datasheet
236Kb / 1P
13A Socket Bluetooth Speaker and Dual USB AA
08/04/2024
CS9905BCW KNIGHTSBRIDGE-CS9905BCW Datasheet
234Kb / 1P
13A Socket Bluetooth Speaker and Dual USB AA
08/04/2024
CS9906BCW KNIGHTSBRIDGE-CS9906BCW Datasheet
216Kb / 1P
13A DP Switched Socket With Dual USB AA
08/04/2024
CS9908BCG KNIGHTSBRIDGE-CS9908BCG Datasheet
236Kb / 2P
13A 2G DP Switched Socket with Dual USB AA
08/04/2024
More results


Similar Description - CS9919AB

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1162 ANALOGICTECH-AAT1162 Datasheet
629Kb / 16P
12V, 1.5A Step-Down DC/DC Converter
AAT1162 ANALOGICTECH-AAT1162_08 Datasheet
1Mb / 18P
12V, 1.5A Step-Down DC/DC Converter
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
Switched Socket
logo
Skyworks Solutions Inc.
AAT1162 SKYWORKS-AAT1162 Datasheet
2Mb / 19P
12V, 1.5A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
12V,1.5A Step-Down DC/DC Converter
logo
Linear Technology
LTM4620 LINER-LTM4620_15 Datasheet
657Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
LTM4620A LINER-LTM4620A_15 Datasheet
716Kb / 40P
Dual 13A or Single 26A DC/DC Module Regulator
logo
Eutech Microelectronics...
EUP3506 EUTECH-EUP3506 Datasheet
391Kb / 1P
Dual 1.5A Line Switch with Dual 1.5A Line Switch with
logo
Tripp Lite. All Rights ...
U280-C02-45W-2B TRIPPLITE-U280-C02-45W-2B Datasheet
183Kb / 3P
Dual-Port USB-C Car Charger with 45W PD Charging - USB-C (27W), USB-C (18W), Black
logo
Omron Electronics LLC
XP2U-001 OMRON-XP2U-001 Datasheet
466Kb / 6P
Testing Socket for Devices with USB Type C Connectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com