Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1773264 Datasheet (PDF) - PHOENIX CONTACT

1773264 Datasheet PDF - PHOENIX CONTACT
Part # 1773264
Download  1773264 Download
File Size   519.63 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-H/SA 5/10 - PCB terminal block

1773264 Datasheet (PDF)

Go To PDF Page Download Datasheet
1773264 Datasheet PDF - PHOENIX CONTACT

Part # 1773264
Download  1773264 Click to download

File Size   519.63 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 2,5-H/SA 5/10 - PCB terminal block

1773264 Datasheet (HTML) - PHOENIX CONTACT


1773264 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 10, number of rows: 1, number of positions per row: 10, product
range: FRONT 2,5-H/SA 5, pitch: 5 mm, connection method: Front screw connection, mounting:
Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard. The article can be aligned to create different nos. of positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1773264

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1773265 MACOM-1773265 Datasheet
74Kb / 2P
Precision Metal Film Fixed Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
SMD Low Ohmic ??Current Sense Resistors
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
More results


Similar Description - 1773264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700781 PHOENIX-1700781 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 4
1704211 PHOENIX-1704211 Datasheet
56Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5 M.GESCHL.KLK
1724660 PHOENIX-1724660 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 5
1724673 PHOENIX-1724673 Datasheet
59Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 8
1725850 PHOENIX-1725850 Datasheet
56Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5 BK
1744109 PHOENIX-1744109 Datasheet
50Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5/ 9
1868665 PHOENIX-1868665 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 2
1870637 PHOENIX-1870637 Datasheet
56Kb / 4P
PCB terminal block - FRONT 2,5-H/SA 5 GY
1891975 PHOENIX-1891975 Datasheet
145Kb / 7P
PCB terminal block - FRONT 2,5-H/SA 5/ 6
1700121 PHOENIX-1700121 Datasheet
481Kb / 14P
PCB terminal block - FRONT 2,5-H/SA 5/ 3
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com