Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1891331 Datasheet (PDF) - PHOENIX CONTACT

1891331 Datasheet PDF - PHOENIX CONTACT
Part # 1891331
Download  1891331 Download
File Size   240.79 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 1,5-5,08- 9 - PCB terminal block

1891331 Datasheet (PDF)

Go To PDF Page Download Datasheet
1891331 Datasheet PDF - PHOENIX CONTACT

Part # 1891331
Download  1891331 Click to download

File Size   240.79 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 1,5-5,08- 9 - PCB terminal block

1891331 Datasheet (HTML) - PHOENIX CONTACT


1891331 Product details

PCB terminal block, nominal current: 12 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 18, number of rows: 2, number of positions per row: 9, product
range: ZFKKDS(A) 1,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Conductor connection on several levels enables higher contact density
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1891331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1891302 PHOENIX-1891302 Datasheet
234Kb / 8P
ZFK3DSA 1,5-5,08- 5 - PCB terminal block
1891315 PHOENIX-1891315 Datasheet
240Kb / 8P
ZFK3DSA 1,5-5,08- 4 - PCB terminal block
1891357 PHOENIX-1891357 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 3-5,08 (1,3)
1891360 PHOENIX-1891360 Datasheet
75Kb / 5P
PCB terminal block - MK3DS 3/ 2-5,08 BK
1891373 PHOENIX-1891373 Datasheet
75Kb / 5P
PCB terminal block - MK3DS 3/ 3-5,08 BK
More results


Similar Description - 1891331

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701649 PHOENIX-1701649 Datasheet
98Kb / 4P
PCB terminal block - ZFKKDSA 1,5-5,08-20
1730191 PHOENIX-1730191 Datasheet
78Kb / 5P
PCB terminal block - MKDSP 1,5/ 9-5,08
1751231 PHOENIX-1751231 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 9-5,08
1869282 PHOENIX-1869282 Datasheet
83Kb / 6P
PCB terminal block - SMKDSN 1,5/ 9-5,08
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
1891522 PHOENIX-1891522 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 2
1891742 PHOENIX-1891742 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08- 5
1891755 PHOENIX-1891755 Datasheet
49Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-16
1891768 PHOENIX-1891768 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-12
1897762 PHOENIX-1897762 Datasheet
77Kb / 4P
PCB terminal block - EMKDS 1,5/ 9-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com