Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMS-40PC Datasheet (PDF) - Murata Power Solutions Inc.

DMS-40PC Datasheet PDF - Murata Power Solutions Inc.
Part # DMS-40PC
Download  DMS-40PC Download
File Size   518.38 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 4½ Digit, LED Display Digital Panel Voltmeters

DMS-40PC Datasheet (PDF)

Go To PDF Page Download Datasheet
DMS-40PC Datasheet PDF - Murata Power Solutions Inc.

Part # DMS-40PC
Download  DMS-40PC Click to download

File Size   518.38 Kbytes
Page   6 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 4½ Digit, LED Display Digital Panel Voltmeters

DMS-40PC Datasheet (HTML) - Murata Power Solutions Inc.


DMS-40PC Product details

Precision, autozeroing, factory-calibrated A/D converter
Scientific-grade accuracy, ±2 counts
Miniature size: 2.17" x 0.92" x 0.56"
55mm x 23mm x 14mm
Large (0.52"/13.2mm) LED display
Choice of red, green or yellow colors
High-intensity or low-power red LED's optional
Single +5V supply (175mW for low-power models)
Epoxy-encapsulated, 12-pin DIP with built-in color filter
and bezel
differential input voltage ranges
DISPLAY HOLD and TEST functions
Optional BCD data outputs for CPU interface
to +50°C temperature range




Similar Part No. - DMS-40PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
logo
List of Unclassifed Man...
DMS-40PC-1 ETC1-DMS-40PC-1 Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
DMS-40PC-1-RL-BCD ETC1-DMS-40PC-1-RL-BCD Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-40PC-1-RL-BCD-C MURATA-PS-DMS-40PC-1-RL-BCD-C Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
More results


Similar Description - DMS-40PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS30PC ETC-DMS30PC Datasheet
155Kb / 6P
3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com