Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC2302 Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

BC2302 Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # BC2302
Download  BC2302 Download
File Size   2671.55 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Plastic-Encapsulate MOSFETS

BC2302 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC2302 Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # BC2302
Download  BC2302 Click to download

File Size   2671.55 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Plastic-Encapsulate MOSFETS

BC2302 Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


BC2302 Product details

Description
The BC2302 uses advanced trench technology to provide excellent R
low gate charge and operation with gate voltages as low as 2.5V.
This device is suitable for use as a Battery protection or in other Switching application.
DS(ON),

Application
Battery protection
Load switch
Uninterruptible power supply

General Features
VDS = 20V ID =3.0A
RDS(ON) < 45mΩ@ VGS=4.5V




Similar Part No. - BC2302

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
BC2302ET GWSEMI-BC2302ET Datasheet
416Kb / 3P
N-Channel MOSFET
BC2302W GWSEMI-BC2302W Datasheet
241Kb / 4P
Plastic-Encapsulate MOSFETS
More results


Similar Description - BC2302

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
8820 HOTTECH-8820 Datasheet
1Mb / 4P
Plastic-Encapsulate Mosfets
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJU01N65B ZPSEMI-CJU01N65B Datasheet
695Kb / 3P
Plastic-Encapsulate MOSFETS
logo
DONGGUAN YOU FENG WEI E...
2N7002KV YFWDIODE-2N7002KV Datasheet
1Mb / 4P
Plastic-Encapsulate MOSFETS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com