Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F8205A Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

F8205A Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # F8205A
Download  F8205A Download
File Size   229.26 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Dual N-Channel Enhancement MOSFET

F8205A Datasheet (PDF)

Go To PDF Page Download Datasheet
F8205A Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # F8205A
Download  F8205A Click to download

File Size   229.26 Kbytes
Page   4 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description Dual N-Channel Enhancement MOSFET

F8205A Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


F8205A Product details

Features
• VDS=20V, ID=5A
• RDS(ON)=18mΩ@VGS=4.5V(Typ.)
• RDS(ON)=24mΩ@VGS=2.5V(Typ.)
• High Power and current handing capability
• Lead free product is acquired
• Surface Mount Package




Similar Part No. - F8205A

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
F8203 ITF-F8203 Datasheet
278Kb / 7P
SAW Bandpass Filter
2009-08-17
logo
Goodwork Semiconductor ...
F8208SPK GWSEMI-F8208SPK Datasheet
706Kb / 5P
Enhancement Mode Power MOSFET
More results


Similar Description - F8205A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM7312 ANPEC-APM7312 Datasheet
118Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026 Datasheet
256Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
Dual N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D Datasheet
164Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTDN8233X6 CYSTEKEC-MTDN8233X6 Datasheet
290Kb / 8P
Dual N -Channel Enhancement Mode MOSFET
MTDN8810T8 CYSTEKEC-MTDN8810T8 Datasheet
423Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN1026 SYNC-POWER-SPN1026_10 Datasheet
236Kb / 10P
Dual N-Channel Enhancement Mode MOSFET
SPN2622 SYNC-POWER-SPN2622 Datasheet
188Kb / 8P
Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMG1026UV DIODES-DMG1026UV Datasheet
240Kb / 6P
DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 6
logo
Stanson Technology
STN4828 STANSON-STN4828 Datasheet
511Kb / 6P
Dual N Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com