Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4686015 Datasheet (PDF) - Turck, Inc.

4686015 Datasheet PDF - Turck, Inc.
Part # 4686015
Download  4686015 Download
File Size   667.21 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – Compact design for small hydraulic cylinders

4686015 Datasheet (PDF)

Go To PDF Page Download Datasheet
4686015 Datasheet PDF - Turck, Inc.

Part # 4686015
Download  4686015 Click to download

File Size   667.21 Kbytes
Page   4 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Magnetic Field Sensor – Compact design for small hydraulic cylinders

4686015 Datasheet (HTML) - Turck, Inc.


4686015 Product details

Features
■For T-groove cylinders without mounting
accessories
■Optional accessories for mounting on other
cylindrical housings.
■One-hand mounting possible
■Tool for fine adjustments and stopper directly
mountable on the sensor
■Stable mounting
■Magneto-resistive sensor
■DC 3-wire, 10…30 VDC
■NO contact, PNP output
■Pigtail with male end, M8 x 1
Functional principle
Magnetic field sensors are actuated by
magnetic fields through which they detect the
position of pistons in pneumatic cylinders. As
Magnetic fields can permeate non-magnetizable
metals, they detect a permanent magnet
attached to the piston through the aluminium
wall of a cylinder.
The derating curve is valid for devices installed
in metal. For air installation with 150 mA power
supply: 10 V 50 °C, 24 V 40 °C, 30 V 19 °C.




Similar Part No. - 4686015

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
4686011 TURCK-4686011 Datasheet
673Kb / 4P
Magnetic Field Sensor – Compact design for small hydraulic cylinders
11/07/2023
More results


Similar Description - 4686015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ51 PHILIPS-KMZ51 Datasheet
61Kb / 8P
Magnetic field sensor
1998 Mar 24
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
Magnetic Field Sensor
2000 Jun 09
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
Magnetic field sensor
2003 Sep 15
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
Magnetic field sensor
Rev. 05-27 November 2006
KMZ43T NXP-KMZ43T Datasheet
68Kb / 8P
Magnetic field sensor
Rev. 05-4 March 2009
logo
Laird Tech Smart Techno...
S2408PC12NF LSTD-S2408PC12NF Datasheet
254Kb / 1P
Small compact design
S2408P12NF LSTD-S2408P12NF Datasheet
263Kb / 1P
Small compact design
logo
Pepperl+Fuchs Inc.
50FY41-V4A-12-KIT PF-50FY41-V4A-12-KIT Datasheet
402Kb / 2P
Magnetic field sensor
2022-07-13
50FY41-V4A-6 PF-50FY41-V4A-6 Datasheet
427Kb / 2P
Magnetic field sensor
2022-06-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com