Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1909265 Datasheet (PDF) - PHOENIX CONTACT

1909265 Datasheet PDF - PHOENIX CONTACT
Part # 1909265
Download  1909265 Download
File Size   1949.54 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/ 7-ST - PCB connector

1909265 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909265 Datasheet PDF - PHOENIX CONTACT

Part # 1909265
Download  1909265 Click to download

File Size   1949.54 Kbytes
Page   27 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCT 2,5/ 7-ST - PCB connector

1909265 Datasheet (HTML) - PHOENIX CONTACT


1909265 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
7, number of rows: 1, number of positions: 7, number of connections: 7, product range: FKCT
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Quick and convenient testing using integrated test option
• Optimized for tight installation situations: operation and conductor connection from one direction
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909265

ManufacturerPart #DatasheetDescription
logo
Lapp.
19092000 LAPP-19092000 Datasheet
996Kb / 4P
EPIC® H-B 16 Housings
logo
PHOENIX CONTACT
1909210 PHOENIX-1909210 Datasheet
144Kb / 5P
MSTB 2,5/ 2-G
1909210 PHOENIX-1909210 Datasheet
145Kb / 5P
MSTBV 2,5/ 2-G
1909210 PHOENIX-1909210 Datasheet
163Kb / 6P
MDSTB 2,5/ 2-G
logo
Festo Corporation.
1909212 FESTO-1909212 Datasheet
75Kb / 1P
Adapter kit
More results


Similar Description - 1909265

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1902275 PHOENIX-1902275 Datasheet
142Kb / 6P
FKCT 2,5/18-ST-5,08
1921900 PHOENIX-1921900 Datasheet
158Kb / 5P
FKCT 2,5/ 4-ST KMGY
1706800 PHOENIX-1706800 Datasheet
69Kb / 3P
FKCT 2,5/ 2-ST BU
1751671 PHOENIX-1751671 Datasheet
59Kb / 4P
Printed-circuit board connector - FKCT 2,5/ 7-ST GY7035
1902259 PHOENIX-1902259 Datasheet
539Kb / 18P
PCB connector - FKCT 2,5/16-ST-5,08
Nov 30, 2022
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1912786 PHOENIX-1912786 Datasheet
303Kb / 11P
MVSTBW 2,5 HC/ 7-ST - PCB connector
1828854 PHOENIX-1828854 Datasheet
886Kb / 17P
GIC 2,5/ 7-ST-7,62 - PCB connector
1909430 PHOENIX-1909430 Datasheet
710Kb / 19P
FKCT 2,5/ 5-STF - PCB connector
1910720 PHOENIX-1910720 Datasheet
552Kb / 13P
FKIC 2,5/ 7-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com