Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1610046 Datasheet (PDF) - Turck, Inc.

1610046 Datasheet PDF - Turck, Inc.
Part # 1610046
Download  1610046 Download
File Size   1730.93 Kbytes
Page   6 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Ultrasonic Sensor – Diffuse Mode Sensor

1610046 Datasheet (PDF)

Go To PDF Page Download Datasheet
1610046 Datasheet PDF - Turck, Inc.

Part # 1610046
Download  1610046 Click to download

File Size   1730.93 Kbytes
Page   6 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Ultrasonic Sensor – Diffuse Mode Sensor

1610046 Datasheet (HTML) - Turck, Inc.


1610046 Product details

Features
■Smooth sonic transducer face
■Cylindrical housing M30, potted
■Connection via M12 x 1 male
■Measuring range adjustable via teach
button/Easy-Teach
■Temperature compensation
■Blind zone: 15 cm
■Range: 130 cm
■Resolution: 1 mm
■Aperture angle of sonic cone: ±16 °
■1 × switching output, PNP/NPN
■1 × analog output, 4…20 mA / 0…10 V /
additional switching output, PNP/NPN
■NO/NC programmable
■Transmission of process value and
parametrization via IO-link
Functional principle
Ultrasonic sensors capture a multitude of
objects contactlessly and wear-free with
ultrasonic waves. It does not matter whether
the object is transparent or opaque, metallic
or non-metallic, firm, liquid or powdery. Even
environmental conditions such as spray, dust
or rain hardly affect their function.
The sonic cone diagram indicates the
detection range of the sensor. In accordance
with standard EN 60947-5-7, quadratic targets
in a range of sizes (20 × 20 mm, 100 × 100
mm) and a round rod with a diameter of
27 mm are used.
Important: The detection ranges for other
targets may differ from those for standard
targets due to the different reflection
properties and geometries.




Similar Part No. - 1610046

ManufacturerPart #DatasheetDescription
logo
Lumberg
161004 LUMBERG-161004 Datasheet
658Kb / 3P
Power supply connectors
logo
Turck, Inc.
1610040 TURCK-1610040 Datasheet
1Mb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
1610041 TURCK-1610041 Datasheet
1Mb / 4P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
1610048 TURCK-1610048 Datasheet
1Mb / 6P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
1610049 TURCK-1610049 Datasheet
1Mb / 6P
Ultrasonic Sensor – Diffuse Mode Sensor
11/07/2023
More results


Similar Description - 1610046

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
GLV30-8-2000-2372 PF-GLV30-8-2000-2372 Datasheet
303Kb / 3P
Diffuse mode sensor
OBD1400-R200-EP-IO-V3 PF-OBD1400-R200-EP-IO-V3 Datasheet
435Kb / 4P
Diffuse mode sensor
OBD1000-R101-2EP-IO-V31 PF-OBD1000-R101-2EP-IO-V31 Datasheet
487Kb / 4P
Diffuse mode sensor
OBD8000-R300-2P1-V1-L PF-OBD8000-R300-2P1-V1-L Datasheet
382Kb / 3P
Diffuse mode sensor
OBD8000-R300-2PP-V1-L PF-OBD8000-R300-2PP-V1-L Datasheet
382Kb / 3P
Diffuse mode sensor
OBD200-18GM60-E5-IR-1C PF-OBD200-18GM60-E5-IR-1C Datasheet
892Kb / 4P
Diffuse mode sensor
2022-08-29
OBD450-18GK40A-E0-V1 PF-OBD450-18GK40A-E0-V1 Datasheet
1Mb / 4P
Diffuse mode sensor
2022-05-12
OBD450-18GM40A-E0-V1 PF-OBD450-18GM40A-E0-V1 Datasheet
997Kb / 4P
Diffuse mode sensor
2022-05-12
OBD500-18GM60-E5-V1-IR-1C PF-OBD500-18GM60-E5-V1-IR-1C Datasheet
1Mb / 4P
Diffuse mode sensor
2022-08-29
OBD600-18GM40-E0-V1 PF-OBD600-18GM40-E0-V1 Datasheet
1Mb / 4P
Diffuse mode sensor
2022-05-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com