Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7720 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ISO7720 Datasheet PDF - Texas Instruments
Part # ISO7720
Download  ISO7720 Download
File Size   2427.33 Kbytes
Page   52 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO772x-Q1 High-Speed, Robust EMC, Reinforced Dual-Channel Digital Isolators

ISO7720 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7720 Datasheet PDF - Texas Instruments

Part # ISO7720
Download  ISO7720 Click to download

File Size   2427.33 Kbytes
Page   52 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ISO772x-Q1 High-Speed, Robust EMC, Reinforced Dual-Channel Digital Isolators

ISO7720 Datasheet (HTML) - Texas Instruments


ISO7720 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 qualified With the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 3A
– Device CDM ESD classification level C6
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: ISO7720-Q1, ISO7721-Q1
• 100 Mbps data rate
• Robust isolation barrier:
– >30-Year projected lifetime at 1.5 kVRMS
working voltage
– Up to 5000 VRMS Isolation Rating
– Up to 12.8 kV surge capability
– ±100 kV/μs Typical CMTI
• Wide supply range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V level translation
• Default output High (ISO772x) and Low
(ISO772xF) Options
• Low power consumption, typical 1.7 mA per
channel at 1 Mbps
• Low propagation delay: 11 ns typical
• Robust electromagnetic compatibility (EMC)
– System-Level ESD, EFT, and surge immunity
– ±8 kV IEC 61000-4-2 contact discharge
protection across isolation barrier
– Low emissions
• Wide-SOIC (DW-16, DWV-8) and Narrow-SOIC
(D-8) package options
• Safety-related Certifications
– VDE reinforced insulation per DIN EN IEC
60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1 certifications

2 Applications
• Hybrid, electric and power train system (EV/HEV)
– Battery management system (BMS)
– On-board charger
– Traction inverter
– DC/DC converter
– Inverter and motor control

3 Description
The ISO772x-Q1 devices are high-performance, dualchannel
digital isolators with 5000 VRMS (DW and
DWV packages) and 3000 VRMS (D package) isolation
ratings per UL 1577. This family includes devices with
reinforced insulation ratings according to VDE, CSA,
TUV and CQC.
The ISO772x-Q1 devices provide high
electromagnetic immunity and low emissions at
low power consumption, while isolating CMOS or
LVCMOS digital I/Os. Each isolation channel has a
logic input and output buffer separated by a double
capacitive silicon dioxide (SiO2) insulation barrier.
The ISO7720-Q1 device has both channels in the
same direction while the ISO7721-Q1 device has both
channels in the opposite direction. In the event of
input power or signal loss, the default output is high
for devices without suffix F and low for devices with
suffix F. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies,
these devices help prevent noise currents on data
buses, such as CAN and LIN, from damaging
sensitive circuitry. Through innovative chip design and
layout techniques, the electromagnetic compatibility
of the ISO772x-Q1 devices has been significantly
enhanced to ease system-level ESD, EFT, surge,
and emissions compliance. The ISO772x-Q1 family
of devices is available in 16-pin SOIC wide-body
(DW), 8-pin SOIC wide-body (DWV), and 8-pin SOIC
narrow-body (D) packages.




Similar Part No. - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
2Mb / 52P
ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
MAY 2024
More results


Similar Description - ISO7720

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7720 TI1-ISO7720 Datasheet
716Kb / 33P
ISO772x High Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1 Datasheet
582Kb / 33P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720 TI1-ISO7720_18 Datasheet
2Mb / 42P
High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com