Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC00A Datasheet PDF - Texas Instruments
Part # SN74LVC00A
Download  SN74LVC00A Download
File Size   2684.15 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC00A Quadruple 2-Input Positive-NAND Gates

SN74LVC00A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC00A Datasheet PDF - Texas Instruments

Part # SN74LVC00A
Download  SN74LVC00A Click to download

File Size   2684.15 Kbytes
Page   39 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SNx4LVC00A Quadruple 2-Input Positive-NAND Gates

SN74LVC00A Datasheet (HTML) - Texas Instruments


SN74LVC00A Product details

1 Features
• ESD protection exceeds JESD 22
– 2000V Human-Body Model
– 1000V Charged-Device Model
• SN74LVC00A operates from 1.65V to 3.6V
• SN54LVC00A operates from 2V to 3.6V
• SNx4LVC00A specified from –40°C to +85°C and
–40°C to +125°C
• SN54LVC00A specified from –55°C to +125°C
• Inputs accept voltages to 5.5V
• Max tpd of 4.3ns at 3.3V
• Typical VOLP (output ground bounce)
< 0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot)
> 2V at VCC = 3.3V, TA = 25°C
• Latch-up performance exceeds 250 mA
per JESD 17
• On products compliant to MIL-PRF-38535,
all parameters are tested unless otherwise noted.
On all other products, production processing does
not necessarily include testing of all parameters.

2 Applications
• AV Receivers
• Audio Docks: Portable
• Blu-Ray Players and Home Theater
• MP3 Players or Recorders
• Personal Digital Assistants (PDAs)
• Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
• Solid State Drives (SSDs): Client and Enterprise
• TVs: LCD, Digital, and High-Definition (HDTV)
• Tablets: Enterprise
• Video Analytics: Server
• Wireless Headsets, Keyboards, and Mice

3 Description
The SN54LVC00A quadruple 2-input positive-NAND
gate is designed for 2.7V to 3.6V VCC operation, and
the SN74LVC00A quadruple 2-input positive-NAND
gate is designed for 1.65V to 3.6V VCC operation.
The SNx4LVC00A devices perform the Boolean
function Y = A • B or Y = A + B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of these devices as
translators in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC00A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC00A TI-SN74LVC00A Datasheet
111Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00A TI-SN74LVC00A Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00A TI-SN74LVC00A Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00A TI-SN74LVC00A Datasheet
788Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74LVC00A TI1-SN74LVC00A Datasheet
1Mb / 21P
SN74LVC00A-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
MARCH 2024
More results


Similar Description - SN74LVC00A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com