Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC32A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
SN74LVC32A Datasheet PDF - Texas Instruments
Part # SN74LVC32A
Download  SN74LVC32A Download
File Size   1384.33 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC32A-Q1 Automotive Quadruple 2-Input Positive-OR Gate

SN74LVC32A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC32A Datasheet PDF - Texas Instruments

Part # SN74LVC32A
Download  SN74LVC32A Click to download

File Size   1384.33 Kbytes
Page   22 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description SN74LVC32A-Q1 Automotive Quadruple 2-Input Positive-OR Gate

SN74LVC32A Datasheet (HTML) - Texas Instruments


SN74LVC32A Product details

1 Features
• Qualified for automotive applications
• Operates from 2V to 3.6V
• Inputs accept voltages to 5.5V
• Max tpd of 3.8ns at 3.3V
• Typical VOLP (output ground bounce) < 0.8V at VCC
= 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) > 2V at VCC
= 3.3V, TA = 25°C

2 Description
The SN74LVC32A-Q1 quadruple 2-input positive-OR
gate is designed for 2.7V to 3.6V VCC operation.
The device performs the Boolean function
Y  AB or Y  A • B in positive logic.
Inputs can be driven from either 3.3V or 5V devices.
This feature allows the use of this device as a
translator in a mixed 3.3V/5V system environment.




Similar Part No. - SN74LVC32A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC32A TI-SN74LVC32A Datasheet
526Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32A TI-SN74LVC32A Datasheet
789Kb / 21P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LVC32A TI1-SN74LVC32A Datasheet
2Mb / 38P
SNx4LVC32A Quadruple 2-Input Positive-OR Gates
MARCH 2024
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
2Mb / 38P
SNx4LVC32A Quadruple 2-Input Positive-OR Gates
MARCH 2024
More results


Similar Description - SN74LVC32A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI-SN74AHCT32-Q1_V01 Datasheet
1Mb / 26P
SN74AHCT32-Q1 Automotive Quadruple 2-Input Positive-OR Gate
REVISED MAY 2023
SN74AHC00-Q1 TI-SN74AHC00-Q1_V01 Datasheet
1Mb / 22P
SN74AHC00-Q1 Automotive Quadruple 2-Input Positive-NAND Gate
REVISED JUNE 2023
SN74AHC08Q-Q1 TI-SN74AHC08Q-Q1_V01 Datasheet
1Mb / 21P
SN74AHC08Q-Q1 Automotive Quadruple 2-Input Positive-and Gate
REVISED JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com