Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMB1 Datasheet (PDF) - NXP Semiconductors

PEMB1 Datasheet PDF - NXP Semiconductors
Part # PEMB1
Download  PEMB1 Download
File Size   45.98 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm

PEMB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PEMB1 Datasheet PDF - NXP Semiconductors

Part # PEMB1
Download  PEMB1 Click to download

File Size   45.98 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm

PEMB1 Datasheet (HTML) - NXP Semiconductors


PEMB1 Product details

DESCRIPTION
PNP resistor-equipped transistors in a SOT666 plastic package.

FEATURES
• 300 mW total power dissipation
• Very small 1.6 mm x 1.2 mm ultra thin package
• Excellent coplanarity due to straight leads
• Replaces two SC-75/SC-89 packaged transistors on
   same PCB area
• Reduces required PCB area
• Reduced pick and place costs.

APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.




Similar Part No. - PEMB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB1 NXP-PEMB1 Datasheet
143Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 22 k廓, R2 = 22 k廓
2003 Oct 15
logo
Nexperia B.V. All right...
PEMB1 NEXPERIA-PEMB1 Datasheet
919Kb / 15P
PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 3 - 28 November 2011
logo
NXP Semiconductors
PEMB10 PHILIPS-PEMB10 Datasheet
45Kb / 8P
PNP resistor-equipped double transistor R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 14
PEMB10 NXP-PEMB10 Datasheet
144Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 47 k廓
2003 Oct 03
logo
Nexperia B.V. All right...
PEMB10 NEXPERIA-PEMB10 Datasheet
917Kb / 16P
PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
Rev. 3 - 3 January 2012
More results


Similar Description - PEMB1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB11 PHILIPS-PEMB11 Datasheet
45Kb / 8P
PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 10 kohm
2001 Sep 13
PEMD10 PHILIPS-PEMD10 Datasheet
47Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 2.2 kohm, R2 = 47 kohm
2001 Sep 11
PEMD2 PHILIPS-PEMD2 Datasheet
64Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2001 Sep 27
PEMD9 PHILIPS-PEMD9 Datasheet
67Kb / 12P
NPN/PNP resistor-equipped transistors; R1 = 10 kohm, R2 = 47 kohm
2001 Oct 22
PEMH1 PHILIPS-PEMH1 Datasheet
56Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 22 kOMH, R2 = 22 kOHM
2003 Oct 08
PDTC144WK PHILIPS-PDTC144WK Datasheet
93Kb / 14P
NPN resistor-equipped transistors; R1 = 47 KOHM, R2 = 22 KOHM
2004 Aug 17
PIMD2 PHILIPS-PIMD2 Datasheet
71Kb / 10P
NPN/PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 22 kohm
2004 Apr 21
PDTA124X PHILIPS-PDTA124X Datasheet
93Kb / 14P
PNP resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
2004 Aug 04
PDTC124X PHILIPS-PDTC124X Datasheet
83Kb / 12P
NPN resistor-equipped transistors; R1 = 22 kohm, R2 = 47 kohm
Rev. 06-14 July 2005
logo
ON Semiconductor
SMUN5112T1G ONSEMI-SMUN5112T1G Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 22 kOhm, R2 = 22 kOhm
March, 2013 ??Rev. 3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com