Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F06N50A Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

F06N50A Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # F06N50A
Download  F06N50A Download
File Size   1770.21 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description N-Channel Enhancement MOSFET

F06N50A Datasheet (PDF)

Go To PDF Page Download Datasheet
F06N50A Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # F06N50A
Download  F06N50A Click to download

File Size   1770.21 Kbytes
Page   5 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description N-Channel Enhancement MOSFET

F06N50A Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


F06N50A Product details

Features
 VDS=500V, ID=0.6A
 RDS(ON)=16Ω@VGS=10V
 High Power and current handing capability
 Lead free product is acquired
 Surface Mount Package

Main Applications
 Battery Protection
 Load Switch
 Power Management




Similar Part No. - F06N50A

ManufacturerPart #DatasheetDescription
logo
Powerbox
F06 POWERBOX-F06 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F06 XPPOWER-F06 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F06 XPPOWER-F06 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Weller Tools
F06 WELLER-F06 Datasheet
42Kb / 2P
Hot air nozzles for HAP1 WMD 3K, WMD 1A, WAD 101, WMA 3V
logo
Amphenol Communications...
F06-0138 AMPHENOLCS-F06-0138 Datasheet
612Kb / 10P
ROCARD SHIELD
Oct 01, 2010 Rev:M
More results


Similar Description - F06N50A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com