Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2N10A Datasheet (PDF) - Goodwork Semiconductor Co., Ltd .

F2N10A Datasheet PDF - Goodwork Semiconductor Co., Ltd .
Part # F2N10A
Download  F2N10A Download
File Size   174.79 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description N-Channel Enhancement MOSFET

F2N10A Datasheet (PDF)

Go To PDF Page Download Datasheet
F2N10A Datasheet PDF - Goodwork Semiconductor Co., Ltd .

Part # F2N10A
Download  F2N10A Click to download

File Size   174.79 Kbytes
Page   3 Pages
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .
Description N-Channel Enhancement MOSFET

F2N10A Datasheet (HTML) - Goodwork Semiconductor Co., Ltd .


F2N10A Product details

Features
• VDS=100V, ID=2A
• RDS(ON)=220mΩ@VGS=10V(Typ.)
• RDS(ON)=240mΩ@VGS=4.5V(Typ.)
• High Power and current handing capability
• Lead free product is acquired
• Surface Mount Package

Main Applications
• Battery Protection
• Load Switch
• Power Management




Similar Part No. - F2N10A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
F2N60 UTC-F2N60 Datasheet
229Kb / 6P
N-CHANNEL INSULATED GATE BIPOLAR TRANSISTOR
logo
Jiangsu Donghai Semicon...
F2N60 WXDH-F2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
F2N60 WXDH-F2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
F2N60 WXDH-F2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
F2N60 WXDH-F2N60 Datasheet
1Mb / 13P
2A 600V N-channel Enhancement Mode Power MOSFET
More results


Similar Description - F2N10A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com