Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSC Datasheet (PDF) - Yuechung International Corp.

OSC Datasheet PDF - Yuechung International Corp.
Part # OSC
Download  OSC Download
File Size   291.95 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description OSC Series : Half Size (8Pin) , Full Size (14Pin)

OSC Datasheet (PDF)

Go To PDF Page Download Datasheet
OSC Datasheet PDF - Yuechung International Corp.

Part # OSC
Download  OSC Click to download

File Size   291.95 Kbytes
Page   1 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description OSC Series : Half Size (8Pin) , Full Size (14Pin)

OSC Datasheet (HTML) - Yuechung International Corp.




Similar Part No. - OSC

ManufacturerPart #DatasheetDescription
logo
France Joint
OSC FRANCEJOINT-OSC Datasheet
410Kb / 5P
INVERTED SHAFT SEALS
logo
Advanced Semiconductor
OSC-0.3C ASI-OSC-0.3C Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
OSC-0.7L ASI-OSC-0.7L Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
OSC-03C ASI-OSC-03C Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
OSC-07L ASI-OSC-07L Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV.A
More results


Similar Description - OSC

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVB1 VECTRON-VVB1 Datasheet
52Kb / 2P
Half Size VCXO
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
AAEON Technology
AEC-206 AAEON-AEC-206 Datasheet
306Kb / 2P
6-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
AMC-262 AAEON-AMC-262 Datasheet
359Kb / 2P
6-Slot Wallmount Chassis, Full-Size/ Half-Size Cards Support
AMC-280B AAEON-AMC-280B Datasheet
327Kb / 2P
8-Slot Wallmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-640 AAEON-ARC-640 Datasheet
319Kb / 2P
4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
ARC-645 AAEON-ARC-645 Datasheet
337Kb / 2P
4U 14-Slot Rackmount Chassis, Full-Size/ Half-Size CPU Cards Support
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
logo
Advantech Co., Ltd.
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E_V01 Datasheet
2Mb / 4P
PICMG1.0 Full-Size SBC PICMG1.0 Full-Size SBC
logo
Transko Electronics, In...
OX-F TRANSKO-OX-F Datasheet
325Kb / 2P
OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE
Rev. 4: 02-20-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com