Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15KPA Datasheet (PDF) - SMC Diode Solutions Co. LTD

15KPA Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 15KPA
Download  15KPA Download
File Size   406.69 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TRANSIENT VOLTAGE SUPPRESSOR

15KPA Datasheet (PDF)

Go To PDF Page Download Datasheet
15KPA Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 15KPA
Download  15KPA Click to download

File Size   406.69 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TRANSIENT VOLTAGE SUPPRESSOR

15KPA Datasheet (HTML) - SMC Diode Solutions Co. LTD


15KPA Product details

Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass Passivated Junction
15000W Peak Pulse Power Capability on 10/1000 μs
waveform
Voltage-17.0 to 280 Volts
Excellent Clamping Capability
Repetition rate (duty cycle): 0.05%
Low incremental surge resistance
Fast Response Time: typically less than 1.0 ps from
volts to BV
High temperature soldering guaranteed: 265℃/10
seconds/.375”, (9.5mm) lead length, 5lbs., (2.3kg) tension
This is a Pb − Free Device
All SMC Parts are Traceable to the Wafer Lot
Additional testing can be offered upon request




Similar Part No. - 15KPA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
POWER TVS COMPONENT
logo
Weitron Technology
15KPA WEITRON-15KPA Datasheet
231Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
15KPA MERITEK-15KPA Datasheet
281Kb / 4P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
15KPA RUILON-15KPA Datasheet
877Kb / 7P
Transient Voltage Suppressors
logo
StarHope
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
More results


Similar Description - 15KPA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com