Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S43LC0424 Datasheet (PDF) - SMC Diode Solutions Co. LTD

S43LC0424 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # S43LC0424
Download  S43LC0424 Download
File Size   265.2 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY

S43LC0424 Datasheet (PDF)

Go To PDF Page Download Datasheet
S43LC0424 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # S43LC0424
Download  S43LC0424 Click to download

File Size   265.2 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY

S43LC0424 Datasheet (HTML) - SMC Diode Solutions Co. LTD


S43LC0424 Product details

Protects 3.3,5,12,15,24,36 V Components
Unidirectional
Ultra Low Capacitance 8 pF
Ultra Low Leakage
Provides Electrically Isolated Protection
500 W @ 8/20 us
Protects 1 Line
SOT-143 Packaging
Terminals finish: 100% Pure Tin
This is a Pb - Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - S43LC0424

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
S43LCC0403 SMC-S43LCC0403 Datasheet
164Kb / 4P
Bidirectional
logo
SMC Diode Solutions Co....
S43LCC0403 SMCDIODE-S43LCC0403 Datasheet
255Kb / 4P
TVS ARRAY
Rev. B
S43LCC0405 SMCDIODE-S43LCC0405 Datasheet
255Kb / 4P
TVS ARRAY
Rev. B
S43LCC0412 SMCDIODE-S43LCC0412 Datasheet
255Kb / 4P
TVS ARRAY
Rev. B
S43LCC0415 SMCDIODE-S43LCC0415 Datasheet
255Kb / 4P
TVS ARRAY
Rev. B
More results


Similar Description - S43LC0424

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
824014 WURTH-824014 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824011 WURTH-824011 Datasheet
235Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82400102 WURTH-82400102 Datasheet
241Kb / 5P
TVS Diode Array WE-TVS
82400152 WURTH-82400152 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402304 WURTH-82402304 Datasheet
234Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com