Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA4323IPWR Datasheet (PDF) - Texas Instruments

OPA4323IPWR Datasheet PDF - Texas Instruments
Part # OPA4323IPWR
Download  OPA4323IPWR Download
File Size   4179.98 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx323 20MHz High Bandwidth, 114dB CMRR, Low Voltage (1.7V to 5.5V), RRIO Zero-Cross Operational Amplifier

OPA4323IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
OPA4323IPWR Datasheet PDF - Texas Instruments

Part # OPA4323IPWR
Download  OPA4323IPWR Click to download

File Size   4179.98 Kbytes
Page   63 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description OPAx323 20MHz High Bandwidth, 114dB CMRR, Low Voltage (1.7V to 5.5V), RRIO Zero-Cross Operational Amplifier

OPA4323IPWR Datasheet (HTML) - Texas Instruments


OPA4323IPWR Product details

1 Features
• Zero cross amplifier for 1.7V to 5.5V applications
• High rail-to-rail CMRR: 114dB typical
• High gain-bandwidth product: 20MHz
• Fast slew-rate: 33V/μs typical
• Fast 0.01% settling: 200ns typical for 2V step
• Low input offset voltage: ±150μV typical
• Low noise floor: 5.5nV/√Hz typical at 10kHz
• High output current: ±110mA typical ISC at 5.5V
• Quiescent current: 1.6mA/ch typical
• Rail-to-rail input and output
• Unity-gain stable
• Drives up to 150pF without sustained oscillations
• Internal RFI and EMI filtered input pins
• Operating temperature range: –40°C to 125°C

2 Applications
• Amplifier driver for ADCs
• High side current sensing
• Motor rotary encoders
• Transimpedance photodiode amplifiers
• Audio microphone pre-amplifiers
• Ultrasonic transducers

3 Description
The OPAx323 family of op amps includes single
(OPA323), dual (OPA2323), and quad-channel
(OPA4323), low-voltage (1.7V to 5.5V), highbandwidth
(20MHz) amplifiers (op amps) with a zerocrossover
input stage and a rail-to-rail output stage.
The zero-crossover input stage enables OPAx323
to achieve high linearity and low distortion for input
signals with rail-to-rail swing that are typical in
ADC driver applications. Gain-bandwidth of 20MHz
provides a fast settling response for ADC sampling
speeds between 0.5MSPS to 5MSPS depending
on the settling performance required. The OPAx323
is well-optimized for power savings as the device
consumes just 1.6mA typical quiescent current.
The OPAx323 easily supports precision performance
in high gain voltage sensing applications such as the
wheatsone bridge, as it features maximum offset drift
of 2μV/°C and thermal noise floor of 5.5nV/rt-Hz with
a minimum of 100dB CMRR. This unique combination
of higher precision (low offset, drift, noise, distortion,
and CMRR) and higher gain-bandwidth (fast settling
and slewing) enables use in multiple applications such
as the motor rotary encoders, microphone audio preamplifiers
and ultrasonic transducers.
The OPAx323 achieves a high slew-rate of 33V/μs
allowing for fast detection of faults in motor current
sensing applications. Unlike traditional amplifiers,
the zero-cross over input stage allows for identical
precision performance for both low and high-side
sensing applications, thus making OPAx323 the
best choice for current sensing in a variety of
end equipments such as the solar string inverters,
power delivery, grid and EV infrastructure. OPAx323S
devices provide shutdown functionality for additional
power savings and help disable the amplifier when
idle. The family features standard and small size as
well as leaded and QFN packages across all the
channel variants.




Similar Part No. - OPA4323IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4323IPWR TI-OPA4323IPWR Datasheet
1Mb / 31P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
OPA4323IPWR TI1-OPA4323IPWR Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
REVISED NOVEMBER 2023
OPA4323IPWR TI1-OPA4323IPWR Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
NOVEMBER 2023
More results


Similar Description - OPA4323IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Maxim Integrated Produc...
MAX40006EVKIT MAXIM-MAX40006EVKIT Datasheet
763Kb / 7P
1.7V to 5.5V Supply Voltage Range
Rev 0; 10/16
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Maxim Integrated Produc...
MAX15101 MAXIM-MAX15101 Datasheet
1Mb / 9P
1.7V to 5.5V Input Voltage Range
Rev 0; 9/11
MAX25308EVKIT MAXIM-MAX25308EVKIT Datasheet
671Kb / 8P
1.7V to 5.5V Input Voltage Range
Rev 0; 4/21
logo
Texas Instruments
TLV365 TI-TLV365 Datasheet
1Mb / 26P
TLVx365 50-MHz, Zerø-Crossover, High CMRR, RRIO, Operational Amplifier
DECEMBER 2022
OPA4323 TI-OPA4323 Datasheet
1Mb / 31P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
OCTOBER 2023
OPA4323 TI1-OPA4323_V01 Datasheet
2Mb / 49P
OPAx323 20 MHz High Bandwidth, 100 dB CMRR, Low Voltage (1.7 V to 5.5 V), RRIO Zero-Cross Operational Amplifier
REVISED NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com