Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMDB03C Datasheet (PDF) - SMC Diode Solutions Co. LTD

SMDB03C Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SMDB03C
Download  SMDB03C Download
File Size   332.16 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY SERIES

SMDB03C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMDB03C Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SMDB03C
Download  SMDB03C Click to download

File Size   332.16 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS ARRAY SERIES

SMDB03C Datasheet (HTML) - SMC Diode Solutions Co. LTD


SMDB03C Product details

Protects 3.3, 5, 12, 15, 24, 36 V Components
Bidirectional
Provides Electrically Isolated Protection
IEC 61000-4-2(ESD)±15kV(air), ±8kV(contact)
500 W @ 8/20 us
Protects 4 Lines
SO-8 Packaging
This is a Pb − Free Device
“-A” is an AEC-Q101 qualified device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - SMDB03C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB03C MCC-SMDB03C Datasheet
143Kb / 2P
TVSarray Series
logo
Microsemi Corporation
SMDB03C MICROSEMI-SMDB03C Datasheet
103Kb / 2P
TVSarray Series
logo
SeCoS Halbleitertechnol...
SMDB03C SECOS-SMDB03C Datasheet
172Kb / 2P
Transient Voltage Suppressors
logo
Sangdest Microelectroni...
SMDB03C SMC-SMDB03C Datasheet
157Kb / 4P
Green Products
More results


Similar Description - SMDB03C

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMDA03C-G SENSITRON-SMDA03C-G Datasheet
103Kb / 3P
TVS ARRAY SERIES
logo
Shenzhen Luguang Electr...
SL03 LUGUANG-SL03 Datasheet
152Kb / 2P
TVS Array Series
logo
Bourns Electronic Solut...
CDSOD323-T05C BOURNS-CDSOD323-T05C_13 Datasheet
255Kb / 4P
TVS Diode Array Series
CDNBS16-T03C BOURNS-CDNBS16-T03C_11 Datasheet
466Kb / 4P
TVS Diode Array Series
CDNBS08-T03C BOURNS-CDNBS08-T03C_12 Datasheet
333Kb / 4P
TVS Diode Array Series
CDSOT23-T03C BOURNS-CDSOT23-T03C_12 Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT236-DSL0312 BOURNS-CDSOT236-DSL0312 Datasheet
514Kb / 6P
TVS Diode Array Series
logo
Yea Shin Technology Co....
YSDA0502C YEASHIN-YSDA0502C Datasheet
786Kb / 3P
TVS ARRAY
logo
Bourns Electronic Solut...
CDS0T23-T03C BOURNS-CDS0T23-T03C Datasheet
266Kb / 4P
TVS Diode Array Series
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com