Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF10 Datasheet (PDF) - SMC Diode Solutions Co. LTD

SMF10 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SMF10
Download  SMF10 Download
File Size   369.28 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TRANSIENT VOLTAGE SUPPRESSOR

SMF10 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF10 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SMF10
Download  SMF10 Click to download

File Size   369.28 Kbytes
Page   7 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TRANSIENT VOLTAGE SUPPRESSOR

SMF10 Datasheet (HTML) - SMC Diode Solutions Co. LTD


SMF10 Product details

For surface mounted applications in order to optimize
board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical IR less than 1μA at VRWM
This is a Halogen Free device
Terminals finish: 100% Pure Tin
200 W peak pulse power capability with a 10/1000 μs
waveform




Similar Part No. - SMF10

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SMF10 JUXING-SMF10 Datasheet
756Kb / 4P
Glass Passivated TVS
logo
Microdiode Semiconducto...
SMF10(C)A CHENDA-SMF10(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMF100 JUXING-SMF100 Datasheet
756Kb / 4P
Glass Passivated TVS
logo
GS Yuasa Battery Sales ...
SMF100 GSYUASABATTERY-SMF100 Datasheet
299Kb / 1P
Capacity (20-hour) 72Ah
logo
Microdiode Semiconducto...
SMF100(C)A CHENDA-SMF100(C)A Datasheet
579Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - SMF10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com