Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPK30KP60 Datasheet (PDF) - SMC Diode Solutions Co. LTD

TPK30KP60 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # TPK30KP60
Download  TPK30KP60 Download
File Size   345.27 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Rectifier

TPK30KP60 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPK30KP60 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # TPK30KP60
Download  TPK30KP60 Click to download

File Size   345.27 Kbytes
Page   9 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description TVS Rectifier

TPK30KP60 Datasheet (HTML) - SMC Diode Solutions Co. LTD


TPK30KP60 Product details

Low profile surface mount
Fast response
Suppresses transients up to 30kW @ 10/1000μs
and 200kW @ 8/20μs
This is a Pb − Free Device
Open top for heat dissipation and different connection options
Base plate: Pure Sn plated; Terminals: Pure Sn plated
Base plate is cathode, Terminal is anode
"A" Suffix designates unidirectional
"CA" Suffix designates bidirectional
All SMC parts are traceable to the wafer lot
All part are 100% tested: electrical, 1x surge test,
visual inspection
Additional testing can be offered upon request




Similar Part No. - TPK30KP60

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPK GREATECS-TPK Datasheet
425Kb / 3P
Tactile Switches with LED (two colors available)
logo
Toppower Electronic Tec...
TPK TOPPOWER-TPK Datasheet
641Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK TOPPOWER-TPK Datasheet
738Kb / 3P
2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
More results


Similar Description - TPK30KP60

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82401444 WURTH-82401444 Datasheet
242Kb / 5P
TVS Diode Array WE-TVS
824022 WURTH-824022 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
8240116 WURTH-8240116 Datasheet
236Kb / 5P
TVS Diode Array WE-TVS
82402374 WURTH-82402374 Datasheet
229Kb / 5P
TVS Diode Array WE-TVS
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020 NAINA-NP5020 Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com