Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2285R Datasheet (PDF) - Belden Inc.

2285R Datasheet PDF - Belden Inc.
Part # 2285R
Download  2285R Download
File Size   144.01 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Light Dimmer Cable, 2 Conductor 18 AWG BC, CMR

2285R Datasheet (PDF)

Go To PDF Page Download Datasheet
2285R Datasheet PDF - Belden Inc.

Part # 2285R
Download  2285R Click to download

File Size   144.01 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Light Dimmer Cable, 2 Conductor 18 AWG BC, CMR

2285R Datasheet (HTML) - Belden Inc.


2285R Product details

Product Description
Light Dimmer Cable, 2 Conductor 18 AWG solid bare copper conductors with polyolefin insulation, CMR rating, PVC jacket with ripcord.




Similar Part No. - 2285R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2285 ETC2-2285 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
2285 KEYSTONE-2285 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
TE Connectivity Ltd
228502-1 TEC-228502-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
228505-1 TEC-228505-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
228507-1 TEC-228507-1 Datasheet
574Kb / 12P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Similar Description - 2285R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5300UE BELDEN-5300UE Datasheet
268Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Unshielded, CMR
1353A BELDEN-1353A Datasheet
143Kb / 2P
Digital Audio Cable, 2 Conductor 24 AWG, BC, CMR
12-20-2022
5400UE BELDEN-5400UE Datasheet
145Kb / 2P
Security & Sound, 2 Conductor 20 AWG, BC, CMR
05-01-2023
5301UE BELDEN-5301UE Datasheet
176Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, CMR
04-28-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
5200UE BELDEN-5200UE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 16 AWG, BC, CMR
04-13-2023
5300UP BELDEN-5300UP Datasheet
153Kb / 2P
Audio Cable, 2 Conductor 18 AWG, BC, Unshielded, CM
12-19-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
5300FE BELDEN-5300FE Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
5301FE BELDEN-5301FE Datasheet
149Kb / 2P
Security & Sound, 3 Conductor 18 AWG, BC, Shielded, CMR
04-13-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com