Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9516-1BCPZ Datasheet (PDF) - Analog Devices

AD9516-1BCPZ Datasheet PDF - Analog Devices
Part # AD9516-1BCPZ
Download  AD9516-1BCPZ Download
File Size   1814.7 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Output Clock Generator with Integrated 2.5 GHz VCO

AD9516-1BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9516-1BCPZ Datasheet PDF - Analog Devices

Part # AD9516-1BCPZ
Download  AD9516-1BCPZ Click to download

File Size   1814.7 Kbytes
Page   84 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 14-Output Clock Generator with Integrated 2.5 GHz VCO

AD9516-1BCPZ Datasheet (HTML) - Analog Devices


AD9516-1BCPZ Product details

GENERAL DESCRIPTION
The AD9516-11 provides a multi-output clock distribution function with subpicosecond jitter performance, along with an on-chip PLL and VCO. The on-chip VCO tunes from 2.30 GHz to 2.65 GHz. Optionally, an external VCO/VCXO of up to 2.4 GHz can be used.

FEATURES
   Low phase noise, phase-locked loop (PLL)
      On-chip VCO tunes from 2.30 GHz to 2.65 GHz
      External VCO/VCXO to 2.4 GHz optional
      1 differential or 2 single-ended reference inputs
      Reference monitoring capability
      Automatic revertive and manual reference
         switchover/holdover modes
      Accepts LVPECL, LVDS, or CMOS references to 250 MHz
      Programmable delays in path to PFD
      Digital or analog lock detect, selectable
   6 pairs of 1.6 GHz LVPECL outputs
      Each output pair shares a 1-to-32 divider with coarse
         phase delay
      Additive output jitter: 225 fs rms
      Channel-to-channel skew paired outputs of <10 ps
   4 pairs of 800 MHz LVDS clock outputs
      Each output pair shares two cascaded 1-to-32 dividers
         with coarse phase delay
      Additive output jitter: 275 fs rms
      Fine delay adjust (Δt) on each LVDS output
   Each LVDS output can be reconfigured as two 250 MHz
      CMOS outputs
   Automatic synchronization of all outputs on power-up
   Manual output synchronization available
   64-lead LFCSP

APPLICATIONS
   Low jitter, low phase noise clock distribution
   10/40/100 Gb/sec networking line cards, including SONET,
   Synchronous Ethernet, OTU2/3/4
   Forward error correction (G.710)
   Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
   High performance wireless transceivers
   ATE and high performance instrumentation




Similar Part No. - AD9516-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-1 AD-AD9516-1 Datasheet
707Kb / 8P
High Dynamic Range RF Transmitter Signal Chain Using Single External Frequency Reference for DAC Sample Clock and IQ Modulator LO Generation
REV. 0
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
More results


Similar Description - AD9516-1BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9518-1 AD-AD9518-1 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9517-1 AD-AD9517-1 Datasheet
2Mb / 80P
12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-1 AD-AD9516-1_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9517-1 AD-AD9517-1_15 Datasheet
2Mb / 80P
12-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. E
AD9518_1 AD-AD9518_1_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com