Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT110 Datasheet (PDF) - Allegro MicroSystems

CT110 Datasheet PDF - Allegro MicroSystems
Part # CT110
Download  CT110 Download
File Size   2088.89 Kbytes
Page   20 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor

CT110 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT110 Datasheet PDF - Allegro MicroSystems

Part # CT110
Download  CT110 Click to download

File Size   2088.89 Kbytes
Page   20 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ High-Linearity, High-Resolution TMR Current Sensor with FLAG Output in Miniature Form Factor

CT110 Datasheet (HTML) - Allegro MicroSystems


CT110 Product details

• Current range: ±5.0 A, ±10.0 A, ±15.0 A
• Resolution: 5 mA
• Total output error: <±0.5% (Typical)
• 2 kV isolation per IEC 62368-1
• Sampling frequency: 200 kHz
• Supply current: ~1.2 mA
• FLAG pin to detect 90% and 10% of full current range
□ Active low digital output (push-pull)
• Supply voltage: 2.7 to 5.5 V
• Operating temperature ranges:
□ Industrial: –40°C to 85°C
□ Extended Industrial: –40°C to 125°C
• Package: 6-lead DFN, 3.00 mm × 3.00 mm × 0.95 mm
FEATURES AND BENEFITS




Similar Part No. - CT110

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CT1101 CIT-CT1101 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT11014.3 CIT-CT11014.3 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT11015.0 CIT-CT11015.0 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT1101L4.3 CIT-CT1101L4.3 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
CT1101L5.0 CIT-CT1101L5.0 Datasheet
132Kb / 1P
CIT SWITCH DIMENSIONS
More results


Similar Description - CT110

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2CA OMRON-E2CA Datasheet
588Kb / 12P
Linear Output Proximity Sensor with High-accuracy Resolution
logo
Semtech Corporation
DP1205C433 SEMTECH-DP1205C433 Datasheet
317Kb / 13P
Combine Small Form Factor with High Performance
logo
Seoul Semiconductor
SZ5-M2-W0-C8 SEOUL-SZ5-M2-W0-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
SZ5-M2-WN-C8 SEOUL-SZ5-M2-WN-C8_16 Datasheet
1Mb / 33P
Superior Efficacy & Lumen output with Small Form Factor
logo
Laird Tech Smart Techno...
SAH58-WB LSTD-SAH58-WB Datasheet
542Kb / 1P
High-gain in a small form factor
logo
List of Unclassifed Man...
MC-SERISE ETC1-MC-SERISE Datasheet
354Kb / 3P
High-speed connectivity in a mini-card form factor
logo
Seoul Semiconductor
SPG05F0D SEOUL-SPG05F0D Datasheet
791Kb / 19P
Superior Efficacy & Lumen output with Small Form Factor
SPF05F0B SEOUL-SPF05F0B Datasheet
873Kb / 21P
Superior Efficacy & Lumen output with Small Form Factor
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR308X MULTIDIMENSION-TMR308X Datasheet
1,016Kb / 9P
High Performance Automotive TMR Angle Sensor
Version 1.0
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com