Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT416 Datasheet (PDF) - Allegro MicroSystems

CT416 Datasheet PDF - Allegro MicroSystems
Part # CT416
Download  CT416 Download
File Size   2107.83 Kbytes
Page   33 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ TMR Current Sensor with Ultra-Low Noise and <1% Total Error

CT416 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT416 Datasheet PDF - Allegro MicroSystems

Part # CT416
Download  CT416 Click to download

File Size   2107.83 Kbytes
Page   33 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description XtremeSense™ TMR Current Sensor with Ultra-Low Noise and <1% Total Error

CT416 Datasheet (HTML) - Allegro MicroSystems


CT416 Product details

FEATURES AND BENEFITS
• Integrated current carrying conductor (CCC)
• Linear analog output voltage
• Total error output: ±1.0% FS
• 1 MHz bandwidth
• Response time: ~300 ns
• UL/IEC 62368-1 and UL1577 certification
□ Rated isolation voltage: 2.5 kVRMS
□ Working voltage for basic isolation: 701 VRMS
□ Working voltage for reinforced isolation: 344 VRMS
• IEC 61000-4-5 certified
• Low noise: 9.5 to 19.0 mARMS @ fBW = 100 kHz
• Supply voltage: 3.0 to 3.6 V
• Filter function to reduce noise on output pin
• Immunity to common mode fields: –40 dB
• AEC-Q100 grade 1
• 8-lead SOIC package
• Integrated contact current sensing for low to medium
current ranges:
□ 0 to 20 A
□ ±20 A
□ 0 to 30 A
□ ±30 A
□ 0 to 50 A
□ ±50 A
□ 0 to 65 A
□ ±65 A




Similar Part No. - CT416

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CT41 CDIL-CT41 Datasheet
163Kb / 4P
HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
logo
Compact Technology Corp...
CT4148WN CTC-CT4148WN Datasheet
157Kb / 2P
Small signal switching Diodes
CT4148WP CTC-CT4148WP Datasheet
139Kb / 5P
Small signal chip diode
CT4148WSN CTC-CT4148WSN Datasheet
144Kb / 2P
Small signal switching Diodes
CT4148WSP CTC-CT4148WSP Datasheet
139Kb / 5P
Small cignal chip diode
More results


Similar Description - CT416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI91845 VISHAY-SI91845 Datasheet
126Kb / 9P
150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
29-Mar-04
logo
Honeywell Solid State E...
ASDXAVX010NGSA3 HONEYWELL-ASDXAVX010NGSA3 Datasheet
482Kb / 6P
Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
logo
TE Connectivity Ltd
U5300 TEC-U5300 Datasheet
167Kb / 7P
Superior Accuracy and Total Error Band
logo
American Electronic Com...
TMR2701 AEC-TMR2701 Datasheet
559Kb / 4P
High Sensitivity and Low Hysteresis TMR linear sensor
logo
MultiDimension Technolo...
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR2905 MULTIDIMENSION-TMR2905 Datasheet
625Kb / 5P
Ultra High Sensitivity TMR linear sensor
V1.0a
TMR9001 MULTIDIMENSION-TMR9001 Datasheet
645Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9002 MULTIDIMENSION-TMR9002 Datasheet
720Kb / 5P
Ultra High Sensitivity,Ultra Low Noise TMR linear sensor
V1.0a
TMR9082 MULTIDIMENSION-TMR9082 Datasheet
748Kb / 7P
High sensitivity, Low Noise TMR Magnetic Linear Sensor
Version 1.0
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com