Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9745BCPZ Datasheet (PDF) - Analog Devices

AD9745BCPZ Datasheet PDF - Analog Devices
Part # AD9745BCPZ
Download  AD9745BCPZ Download
File Size   638.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters

AD9745BCPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9745BCPZ Datasheet PDF - Analog Devices

Part # AD9745BCPZ
Download  AD9745BCPZ Click to download

File Size   638.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters

AD9745BCPZ Datasheet (HTML) - Analog Devices


AD9745BCPZ Product details

GENERAL DESCRIPTION

The AD9741/AD9743/AD9745/AD9746/AD9747 are pin compatible, high dynamic range, dual digital-to-analog converters (DACs) with 8-/10-/12-/ 14-/16-bit resolutions and sample rates of up to 250 MSPS. The devices include specific features for direct conversion transmit applications, including gain and offset compensation, and they interface seamlessly with analog quadrature modulators, such as the ADL5370.



FEATURES

High dynamic range, dual DACs

Low noise and intermodulation distortion

Single carrier WCDMA ACLR = 80 dBc @ 61.44 MHz IF

Innovative switching output stage permits useable outputs

   beyond Nyquist frequency

LVCMOS inputs with dual-port or optional interleaved

   single-port operation

Differential analog current outputs are programmable from

   8.6 mA to 31.7 mA full scale

Auxiliary 10-bit current DACs with source/sink capability for

   external offset nulling

Internal 1.2 V precision reference voltage source

Operates from 1.8 V and 3.3 V supplies

315 mW power dissipation

Small footprint, Pb-free, 72-Lead LFCSP



APPLICATIONS

Wireless infrastructure:  WCDMA, CDMA2000, TD-SCDMA, WiMAX

Wideband communications: LMDS/MMDS, point-to-point

Instrumentation: RF signal generators, arbitrary waveform generators




Similar Part No. - AD9745BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Similar Description - AD9745BCPZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS42JB49 TI-ADS42JB49 Datasheet
4Mb / 70P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_13 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42LB49 TI1-ADS42LB49 Datasheet
3Mb / 80P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
ADS42JB49 TI1-ADS42JB49_14 Datasheet
4Mb / 73P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
logo
Texas Instruments
ADS42JB49 TI1-ADS42JB49_15 Datasheet
5Mb / 76P
Dual-Channel, 14- and 16-Bit, 250-MSPS Analog-to-Digital Converters
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com