Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG1436 Datasheet (PDF) - Analog Devices

ADG1436 Datasheet PDF - Analog Devices
Part # ADG1436
Download  ADG1436 Download
File Size   294.24 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch

ADG1436 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG1436 Datasheet PDF - Analog Devices

Part # ADG1436
Download  ADG1436 Click to download

File Size   294.24 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch

ADG1436 Datasheet (HTML) - Analog Devices


ADG1436 Product details

GENERAL DESCRIPTION

The ADG1436 is a monolithic CMOS device containing two independently selectable SPDT switches. An EN input on the LFCSP package is used to enable or disable the device. When disabled, all channels are switched off. Each switch conducts equally well in both directions when on and has an input signal range that extends to the supplies. In the off condition, signal levels up to the supplies are blocked. Both switches exhibit break-before-make switching action for use in multiplexer applications.



PRODUCT HIGHLIGHTS

1. 2Ω Max On Resistance over temperature.

2. Minimum distortion

3. 3 V logic-compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V.

4. No VL logic power supply required.

5. Ultralow power dissipation: <0.03 µW.

6. 16-lead TSSOP and 16-lead 4 mm × 4mm LFCSP packages.



FEATURES

  2Ω Max On Resistance

  0.5Ω Max On Resistance Flatness

  200mA continious current

  33 V supply range

  Fully specified at +12 V, ±15 V, ±5 V

  No VL supply required

  3 V logic-compatible inputs

  Rail-to-rail operation

  16-lead TSSOP and 16-lead LFCSP packages



APPLICATIONS

  Automatic test equipment

  Data aquisition systems

  Battery-powered systems

  Sample-and-hold systems

  Audio signal routing

  Communication systems

  Relay Replacement



 




Similar Part No. - ADG1436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Similar Description - ADG1436

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com