Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5590 Datasheet (PDF) - Analog Devices

ADL5590 Datasheet PDF - Analog Devices
Part # ADL5590
Download  ADL5590 Download
File Size   217.43 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 869 MHz to 1990 MHz Quadrature Modulators

ADL5590 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADL5590 Datasheet PDF - Analog Devices

Part # ADL5590
Download  ADL5590 Click to download

File Size   217.43 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 869 MHz to 1990 MHz Quadrature Modulators

ADL5590 Datasheet (HTML) - Analog Devices


ADL5590 Product details

GENERAL DESCRIPTION
This family of monolithic RF quadrature modulators is designed for use from 869 MHz to 960 MHz and from 1805 MHz to 1990 MHz. Excellent phase accuracy and amplitude balance enable high performance, direct RF modulation for communications systems.

FEATURES
   Operating frequencies
      ADL5590: 869 MHz to 960 MHz
      ADL5591: 1805 MHz to 1990 MHz
   Output compression point P1dB: 16 dBm
   Output third-order intercept point OIP3
      ADL5590: 29 dBm at 900 MHz
      ADL5591: 30 dBm at 1900 MHz
   Noise floor: −157 dBm/Hz
   Sideband suppression
      ADL5590: <−50 dBc at 900 MHz
      ADL5591: <−47 dBc at 1900 MHz
   Baseband common-mode bias: 1.5 V
   LO leakage
      ADL5590: −50 dBc at 900 MHz, POUT = 5 dBm
      ADL5591: −44 dBc at 1900 MHz, POUT = 5 dBm
   Single supply: 4.75 V to 5.25 V
   Package: 36-lead, 6 mm × 6 mm LFCSP

APPLICATIONS
   Wireless infrastructure
   Optimized for GSM transmitters




Similar Part No. - ADL5590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5590 AD-ADL5590 Datasheet
209Kb / 8P
Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity
REV. 0
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results


Similar Description - ADL5590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
logo
Tyco Electronics
MADCSM0001 MACOM-MADCSM0001 Datasheet
267Kb / 8P
Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
400 MHz to 1250 MHz Quadrature Modulator
REV. 0
ADRF6704 AD-ADRF6704 Datasheet
1Mb / 36P
2050 MHz to 3000 MHz Quadrature Modulator
REV. 0
ADRF6807 AD-ADRF6807 Datasheet
1,004Kb / 36P
700 MHz to 1050 MHz Quadrature
REV. B
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
700 MHz to 2700 MHz Quadrature Modulator
REV. B
ADRF6702ACPZ-R7 AD-ADRF6702ACPZ-R7 Datasheet
1Mb / 36P
1200 MHz to 2400 MHz Quadrature Modulator
REV. B
ADL5385 AD-ADL5385_15 Datasheet
1Mb / 26P
30 MHz to 2200 MHz Quadrature Modulator
REV. B
ADL5590 AD-ADL5590_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
ADL5591 AD-ADL5591_15 Datasheet
218Kb / 8P
869 MHz to 1990 MHz Quadrature Modulators
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com