Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1545356 Datasheet (PDF) - Turck, Inc.

1545356 Datasheet PDF - Turck, Inc.
Part # 1545356
Download  1545356 Download
File Size   1528.25 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Incremental Encoder Industrial Line

1545356 Datasheet (PDF)

Go To PDF Page Download Datasheet
1545356 Datasheet PDF - Turck, Inc.

Part # 1545356
Download  1545356 Click to download

File Size   1528.25 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Incremental Encoder Industrial Line

1545356 Datasheet (HTML) - Turck, Inc.


1545356 Product details

Features
■Clamping flange, Ø 58 mm
■Solid shaft, Ø 10 mm × 20 mm
■Optical measuring principle
■Shaft material: stainless steel
■Protection class IP67 on housing and shaft
side
■‐40…+85 °C
■Max. 6000 rpm (continuous operation 3000
rpm)
■10…30 VDC
■Male connector, M12 x 1 , 8-pole
■Push-pull, with inverted signals
■Pulse frequency max. 300 kHz
■1024 pulses per revolution




Similar Part No. - 1545356

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
1545356 TURCK-1545356 Datasheet
1Mb / 3P
Incremental Encoder Industrial Line
11/07/2023
1545356 TURCK-1545356 Datasheet
1Mb / 3P
Incremental Encoder Industrial Line
11/07/2023
1545356 TURCK-1545356 Datasheet
1Mb / 3P
Incremental Encoder Industrial Line
11/07/2023
1545356 TURCK-1545356 Datasheet
1Mb / 3P
Incremental Encoder Industrial Line
11/07/2023
1545356 TURCK-1545356 Datasheet
1Mb / 3P
Incremental Encoder Industrial Line
11/07/2023
More results


Similar Description - 1545356

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com