Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM2250 Datasheet (PDF) - Analog Devices

ADUM2250 Datasheet PDF - Analog Devices
Part # ADUM2250
Download  ADUM2250 Download
File Size   315.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot-Swappable, Dual I2C Isolators, 5 kV

ADUM2250 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM2250 Datasheet PDF - Analog Devices

Part # ADUM2250
Download  ADUM2250 Click to download

File Size   315.14 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Hot-Swappable, Dual I2C Isolators, 5 kV

ADUM2250 Datasheet (HTML) - Analog Devices


ADUM2250 Product details

GENERAL DESCRIPTION
The ADuM2250/ADuM22511 are hot swappable digital isolators with nonlatching, bidirectional communication channels that are compatible with I2C interfaces. This eliminates the need for splitting I2C signals into separate transmit and receive signals for use with standalone optocouplers.

FEATURES
    Bidirectional I2C communication
    Open-drain interfaces
    Suitable for hot swap applications
    30 mA current sink capability
    1000 kHz operation
    3.0 V to 5.5 V supply/logic levels
    16-lead SOIC wide body package version (RW-16)
    16-lead SOIC wide body enhanced creepage version (RI-16-2)
    High temperature operation: 105°C
    Safety and regulatory approvals
        UL recognition: 5000 V rms for 1 minute per UL 1577
        CSA Component Acceptance Notice 5A (RI-16-2 package)
            IEC 60601-1: 250 V rms (reinforced)
            IEC 60950-1: 400 V rms (reinforced)
        VDE certificate of conformity
            DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
            VIORM = 849 V peak
    Qualified for automotive applications

APPLICATIONS
    Isolated I2C, SMBus, or PMBus interfaces
    Multilevel I2C interfaces
    Power supplies
    Networking
    Power over Ethernet




Similar Part No. - ADUM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2250 AD-ADUM2250 Datasheet
299Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250 AD-ADUM2250 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM2250 AD-ADUM2250 Datasheet
371Kb / 16P
Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
ADuM2250ARIZ AD-ADuM2250ARIZ Datasheet
299Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM2250ARIZ AD-ADUM2250ARIZ Datasheet
371Kb / 16P
Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results


Similar Description - ADUM2250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1250 AD-ADUM1250 Datasheet
335Kb / 12P
Hot Swappable Dual I2C Isolators
10/06-Revision 0
logo
Linear Technology
LTC4310-1 LINER-LTC4310-1 Datasheet
913Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250_VD AD-ADUM1250_VD Datasheet
274Kb / 12P
Hot Swappable, Dual I2C Isolators
REV. D
ADUM2250 AD-ADUM2250_11 Datasheet
299Kb / 16P
Hot-Swappable, Dual I2C Isolators, 5 kV
REV. A
ADUM1250WSRZ AD-ADUM1250WSRZ Datasheet
300Kb / 12P
Hot Swappable, Dual I2C Isolators
Rev. F
ADUM2250 AD-ADUM2250_15 Datasheet
309Kb / 16P
Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
ADUM2251 AD-ADUM2251_15 Datasheet
309Kb / 16P
Hot Swappable, Dual IC Isolators, 5 kV
Rev. C
logo
Linear Technology
LTC4310-2 LINER-LTC4310-2_15 Datasheet
240Kb / 20P
Hot-Swappable I2C Isolators
logo
Analog Devices
ADUM1250 AD-ADUM1250_V01 Datasheet
261Kb / 16P
Hot Swappable, Dual I2C Isolators
Rev. I
ADUM2250 AD-ADUM2250_V01 Datasheet
371Kb / 16P
Hot Swappable, Dual I2C Isolators, 5 kV
Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com