Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5G70 Datasheet (PDF) - Belden Inc.

C5G70 Datasheet PDF - Belden Inc.
Part # C5G70
Download  C5G70 Download
File Size   143.74 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 375YY, 41G C 70mm² Str BC, PVC Ins, PVC Jkt

C5G70 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5G70 Datasheet PDF - Belden Inc.

Part # C5G70
Download  C5G70 Click to download

File Size   143.74 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ 375YY, 41G C 70mm² Str BC, PVC Ins, PVC Jkt

C5G70 Datasheet (HTML) - Belden Inc.


C5G70 Product details

Product Description
MachFlex™ 375YY, 4 Conductor + 1 Ground 70mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - C5G70

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
C5G10CY BELDEN-C5G10CY Datasheet
163Kb / 2P
MachFlex™ 375CY, 4C1G 10 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
07-05-2024
C5G10CY010100M BELDEN-C5G10CY010100M Datasheet
163Kb / 2P
MachFlex™ 375CY, 4C1G 10 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
07-05-2024
C5G10CY010200M BELDEN-C5G10CY010200M Datasheet
163Kb / 2P
MachFlex™ 375CY, 4C1G 10 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
07-05-2024
C5G10CY010300M BELDEN-C5G10CY010300M Datasheet
163Kb / 2P
MachFlex™ 375CY, 4C1G 10 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
07-05-2024
C5G10CY368100M BELDEN-C5G10CY368100M Datasheet
163Kb / 2P
MachFlex™ 375CY, 4C1G 10 mm² Str BC, PVC Ins, PVC Inner Jkt, TCBS, PVC Outer Jkt
07-05-2024
More results


Similar Description - C5G70

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7203A BELDEN-7203A Datasheet
248Kb / 3P
MachFlex?? 4 Pr #24 Str BC, PO Ins, OSTC Brd, PVC Jkt, CM
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
8444 BELDEN-8444 Datasheet
204Kb / 2P
Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8489 BELDEN-8489 Datasheet
189Kb / 2P
Electronic, 4 C #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
8627 BELDEN-8627 Datasheet
190Kb / 2P
Electronic, 4 C #14 Str TC, PVC Ins, PVC Jkt
01-20-2023
8620 BELDEN-8620 Datasheet
160Kb / 2P
Electronic, 4 C #16 Str TC, PVC Ins, PVC Jkt
01-20-2023
19140 BELDEN-19140 Datasheet
143Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SVT
05-05-2023
19362 BELDEN-19362 Datasheet
142Kb / 2P
Portable Cordage, 3 C #18 Str BC, PVC Ins, PVC Jkt, UL Type SJT
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com