Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPB Datasheet (PDF) - Apex Electronics Co., Ltd

DPB Datasheet PDF - Apex Electronics Co., Ltd
Part # DPB
Download  DPB Download
File Size   292.58 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Dual-in-Line Packaging Switch, top actuated, through hole

DPB Datasheet (PDF)

Go To PDF Page Download Datasheet
DPB Datasheet PDF - Apex Electronics Co., Ltd

Part # DPB
Download  DPB Click to download

File Size   292.58 Kbytes
Page   2 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description Dual-in-Line Packaging Switch, top actuated, through hole

DPB Datasheet (HTML) - Apex Electronics Co., Ltd


DPB Product details

Standard 2.54mm pitch
Top actuation
1-10, 12 positions
RoHS compliant
Product Features




Similar Part No. - DPB

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
DPB--1.0-33 TALEMA-DPB--1.0-33 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-100 TALEMA-DPB-0.5-100 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-1000 TALEMA-DPB-0.5-1000 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-150 TALEMA-DPB-0.5-150 Datasheet
105Kb / 4P
Low Cost Power Inductors
DPB-0.5-1500 TALEMA-DPB-0.5-1500 Datasheet
105Kb / 4P
Low Cost Power Inductors
More results


Similar Description - DPB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
194 CTS-194 Datasheet
1Mb / 2P
Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
Side Actuated, Through Hole DIP Switches
logo
Vishay Siliconix
CCF02470RJKE36 VISHAY-CCF02470RJKE36 Datasheet
69Kb / 5P
Through Hole Resistor Packaging
25-Feb-13
logo
C&K Components
KMR211GLFS CK-COMPONENTS-KMR211GLFS Datasheet
161Kb / 2P
Microminiature SMT Top Actuated
KMR431GLFS CK-COMPONENTS-KMR431GLFS Datasheet
162Kb / 2P
Microminiature SMT Top Actuated
PTS830 CK-COMPONENTS-PTS830 Datasheet
182Kb / 3P
Microminiature SMT Top Actuated
KT CK-COMPONENTS-KT Datasheet
318Kb / 5P
Full SMT Top & Side Actuated Sealed Tact Switch
RK CK-COMPONENTS-RK Datasheet
444Kb / 5P
Microminiature SMT Top Actuated Tact Switch
8 Apr 22
RKC2 CK-COMPONENTS-RKC2 Datasheet
351Kb / 3P
Microminiature SMT Top Actuated Tact Switch
19 Sep 22
logo
Apex Electronics Co., L...
T66E APEX-ELECTRONICS-T66E Datasheet
438Kb / 1P
6.0*6.0mm tact switch, radial taping, top actuated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com