Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HRE23 Datasheet (PDF) - Apex Electronics Co., Ltd

HRE23 Datasheet PDF - Apex Electronics Co., Ltd
Part # HRE23
Download  HRE23 Download
File Size   471.58 Kbytes
Page   1 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 23mm rotary encoder, hollow type, slim thickness

HRE23 Datasheet (PDF)

Go To PDF Page Download Datasheet
HRE23 Datasheet PDF - Apex Electronics Co., Ltd

Part # HRE23
Download  HRE23 Click to download

File Size   471.58 Kbytes
Page   1 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 23mm rotary encoder, hollow type, slim thickness

HRE23 Datasheet (HTML) - Apex Electronics Co., Ltd


HRE23 Product details

Features
‧Durable knob for consistent detent feel
Slim 4.5mm body thickness
Low-noise design for 120RPM max.
Hollow center to add switch, illumination, or other component
Custom options available
‧
‧
‧
‧
Applications
Panel control with continuous rotation. Popular for automotive
infotamination, navigation, audio mixer, or appliance.




Similar Part No. - HRE23

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HRE EATON-HRE Datasheet
742Kb / 1P
1/4" x various length and SFE in-line fuse holder
HRE EATON-HRE Datasheet
271Kb / 1P
Automotive fast-acting glass fuse
More results


Similar Description - HRE23

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
Absolute Rotary Encoder
logo
ALPS ELECTRIC CO.,LTD.
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Omron Electronics LLC
E6C2CWZ3E-100PR2M OMRON-E6C2CWZ3E-100PR2M Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
E6C2-CWZ6C OMRON-E6C2-CWZ6C Datasheet
322Kb / 5P
Slim Incremental 50-mm-dia. Rotary Encoder
logo
ALPS ELECTRIC CO.,LTD.
SDKZ ALPS-SDKZ_15 Datasheet
918Kb / 5P
Rotary type power switch with encoder
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
Rotary Encoder
OPE1275H TTELEC-OPE1275H Datasheet
323Kb / 4P
Incremental Hollow Shaft Encoder
logo
List of Unclassifed Man...
LPD3806-360BM ETC2-LPD3806-360BM Datasheet
162Kb / 3P
Incremental type two-phase rotary encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com