Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

120SPC045A Datasheet (PDF) - SMC Diode Solutions Co. LTD

120SPC045A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 120SPC045A
Download  120SPC045A Download
File Size   351.55 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Surface Mount Schottky Rectifier (45V,120Amp)

120SPC045A Datasheet (PDF)

Go To PDF Page Download Datasheet
120SPC045A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 120SPC045A
Download  120SPC045A Click to download

File Size   351.55 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Surface Mount Schottky Rectifier (45V,120Amp)

120SPC045A Datasheet (HTML) - SMC Diode Solutions Co. LTD


120SPC045A Product details

150 C TJ operation
Low forward voltage drop
High surge capacities
High frequency operation
Guaranteed reverse avalanche capability
Low profile surface mount package
Base plate: Pure Sn plated; Terminals: Pure Sn plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - 120SPC045A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
120SPC045 SMC-120SPC045 Datasheet
155Kb / 4P
Power Surface Mount Schottky Rectifier
More results


Similar Description - 120SPC045A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
KODENSHI_AUK CORP.
SDB1545PH KODENSHI-SDB1545PH Datasheet
284Kb / 5P
45V, 15A POWER SCHOTTKY RECTIFIER
SDB1545PH-1 KODENSHI-SDB1545PH-1 Datasheet
284Kb / 5P
45V, 15A POWER SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
SGC2545S GOOD-ARK-SGC2545S_15 Datasheet
202Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 25A
SGC1545SA GOOD-ARK-SGC1545SA_15 Datasheet
257Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1545S GOOD-ARK-SGC1545S_15 Datasheet
250Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 15A
SGC1045S GOOD-ARK-SGC1045S_15 Datasheet
213Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 45V Forward Current 10A
logo
Taiwan Semiconductor Co...
TSSW3U45H TSC-TSSW3U45H Datasheet
441Kb / 5P
3A, 45V - 60V Low VF Trench Schottky Surface Mount Rectifier
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U45H TSC-TSSA3U45H Datasheet
362Kb / 5P
3A, 45V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com