Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

121SPC060A Datasheet (PDF) - SMC Diode Solutions Co. LTD

121SPC060A Datasheet PDF - SMC Diode Solutions Co. LTD
Part # 121SPC060A
Download  121SPC060A Download
File Size   485.91 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Surface Mount Schottky Rectifier (60V,120Amp)

121SPC060A Datasheet (PDF)

Go To PDF Page Download Datasheet
121SPC060A Datasheet PDF - SMC Diode Solutions Co. LTD

Part # 121SPC060A
Download  121SPC060A Click to download

File Size   485.91 Kbytes
Page   4 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Surface Mount Schottky Rectifier (60V,120Amp)

121SPC060A Datasheet (HTML) - SMC Diode Solutions Co. LTD


121SPC060A Product details

175C TJ operation
Low forward voltage drop
Low reverse leakage current
High surge capacities
High frequency operation
Guaranteed reverse avalanche capability
Low profile surface mount package
Baseplate: Pure Sn plated; Terminals: Pure Sn plated
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request




Similar Part No. - 121SPC060A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
121SPC060 SMC-121SPC060 Datasheet
242Kb / 4P
Power Surface Mount Schottky Rectifier
More results


Similar Description - 121SPC060A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SBR80520LT1G ONSEMI-SBR80520LT1G Datasheet
152Kb / 4P
Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 6
logo
Taiwan Semiconductor Co...
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA5U50H TSC-TSSA5U50H Datasheet
441Kb / 6P
5A, 50V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U60H TSC-TSSA3U60H Datasheet
374Kb / 5P
3A, 60V Trench Schottky Surface Mount Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com