Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BTD5350S Datasheet (PDF) - BASIC SEMICONDUCTOR

BTD5350S Datasheet PDF - BASIC SEMICONDUCTOR
Part # BTD5350S
Download  BTD5350S Download
File Size   734.07 Kbytes
Page   19 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Single-Channel Isolated Gate Driver

BTD5350S Datasheet (PDF)

Go To PDF Page Download Datasheet
BTD5350S Datasheet PDF - BASIC SEMICONDUCTOR

Part # BTD5350S
Download  BTD5350S Click to download

File Size   734.07 Kbytes
Page   19 Pages
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR
Description Single-Channel Isolated Gate Driver

BTD5350S Datasheet (HTML) - BASIC SEMICONDUCTOR


BTD5350S Product details

Features
• Isolation voltage up to 5000Vrms(SOW-8)@UL1577;
3000Vrms(SOP-8)@UL1577
• Peak output current up to 10A
• Propagation delay 60ns
• Maximum switching frequency 1MHz
• Primary-side supply 3~18V
• Secondary-side supply up to 33V
• Primary-side and secondary-side power supply
undervoltage lockout (UVLO)
• Compatible with 3.3V, 5V and 15V input
• Feature Options:
Miller Clamp Options (BTD5350M)
Split Outputs (BTD5350S)
UVLO with respect to IGBT emitter (BTD5350E)
• 8-pin Package:
SOP-8 with 4mm creepage
SOW-8 with 8.5mm creepage
• Operating Temperature -40~125℃

Applications
• Motor drivers
• EV chargers
• Telecommunication power supplies
• EV power supplies
• UPS
• String solar inverters

Description
BTD5350 is a family of single-channel, isolated gate driver
with peak output current up to 10A, available in SOP-8
narrow-body) or SOW-8 (wide-body) packages and supports
isolation voltages up to 3000Vrms and 5000Vrms
respectively. They can be used to drive IGBTs and Si/SiC
MOSFETs. BTD5350 family offers 3 Feature Options:
BTD5350M provides Miller clamp function to prevent
false turn-on caused by Miller current.
BTD5350S provides a split output with rise and fall time
individually configurable.
BTD5350E provides UVLO in positive power supply of
secondary-side to ensure that power devices get sufficient
gate turn-on voltage.




Similar Part No. - BTD5350S

ManufacturerPart #DatasheetDescription
logo
BASIC SEMICONDUCTOR
BTD5350SBPR BASICSEMI-BTD5350SBPR Datasheet
729Kb / 19P
Single-Channel Isolated Gate Driver
Rev.0.3
BTD5350SBWR BASICSEMI-BTD5350SBWR Datasheet
729Kb / 19P
Single-Channel Isolated Gate Driver
Rev.0.3
BTD5350SCPR BASICSEMI-BTD5350SCPR Datasheet
729Kb / 19P
Single-Channel Isolated Gate Driver
Rev.0.3
BTD5350SCWR BASICSEMI-BTD5350SCWR Datasheet
729Kb / 19P
Single-Channel Isolated Gate Driver
Rev.0.3
More results


Similar Description - BTD5350S

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
GA03IDDJT30-FR4 GENESIC-GA03IDDJT30-FR4 Datasheet
789Kb / 9P
Isolated Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
STMicroelectronics
STGAP1S STMICROELECTRONICS-STGAP1S Datasheet
2Mb / 67P
gapDRIVE™: galvanically isolated single gate driver
May 2015 Rev 3
logo
Texas Instruments
UCC5310 TI1-UCC5310_18 Datasheet
1Mb / 56P
Single-Channel Isolated Gate Drivers
UCC5310_018 TI1-UCC5310_018 Datasheet
1Mb / 48P
Single-Channel Isolated Gate Drivers
logo
Infineon Technologies A...
1EDI2010AS INFINEON-1EDI2010AS Datasheet
3Mb / 135P
Single Channel Isolated Driver
Rev 2.0, 2017-06-19
logo
Texas Instruments
UCC5310_0018 TI1-UCC5310_0018 Datasheet
1Mb / 58P
Single-Channel Isolated Gate Drivers
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
logo
BASIC SEMICONDUCTOR
BTD21520 BASICSEMI-BTD21520 Datasheet
642Kb / 19P
Dual-Channel Isolated Gate Driver
Rev.0.0
logo
ON Semiconductor
NCD57530 ONSEMI-NCD57530 Datasheet
821Kb / 23P
Isolated Dual Channel IGBT Gate Driver
June, 2022 - Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com