Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7808 Datasheet (PDF) - Silicon Supplies

7808 Datasheet PDF - Silicon Supplies
Part # 7808_V01
Download  7808 Download
File Size   2249.97 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

7808 Datasheet (PDF)

Go To PDF Page Download Datasheet
7808 Datasheet PDF - Silicon Supplies

Part # 7808_V01
Download  7808 Click to download

File Size   2249.97 Kbytes
Page   5 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description Linear Voltage Regulator

7808 Datasheet (HTML) - Silicon Supplies


7808 Product details

Description
The 7808 8V fixed 3-terminal positive voltage regulator
delivers up to 1.5A of output current with adequate
heat-sinking. The device is equipped with internal
limiting, safe-area compensation + thermal shutdown
features for overload immunity. The 7808 can be used
with external components to obtain adjustable voltages
or currents & can also be used as the power-pass
element in precision high-current voltage regulators.
No external components are needed other than to
enhance performance or increase design flexibility.

Features:
 ±5% VOUT tolerance over entire temperature range
 Greater than 1A output current capability
 Internal thermal overload protection
 Internal short-circuit current limit
 Output capacitor not essential for stability
 Full Military temperature range
 Negative voltage complement is 7908




Similar Part No. - 7808_V01

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
7808 SS-7808_V02 Datasheet
327Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7808 SS-7808_V03 Datasheet
399Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7808 SS-7808_V04 Datasheet
290Kb / 4P
Linear Voltage Regulator
Rev 1.0 3/06/25
7808 SS-7808_V05 Datasheet
290Kb / 4P
Linear Voltage Regulator
Rev 1.1 17/06/25
7808 SS-7808_V06 Datasheet
309Kb / 4P
Linear Voltage Regulator
Rev 1.2 21/07/25
More results


Similar Description - 7808_V01

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
LA0001C SSDI-LA0001C Datasheet
204Kb / 3P
Linear Voltage Regulator
LA0001C SSDI-LA0001C_15 Datasheet
204Kb / 3P
Linear Voltage Regulator
logo
Silicon Supplies
7805AC SS-7805AC Datasheet
711Kb / 5P
Linear Voltage Regulator
7808 SS-7808 Datasheet
441Kb / 5P
Linear Voltage Regulator
7809 SS-7809 Datasheet
481Kb / 5P
Linear Voltage Regulator
7812 SS-7812 Datasheet
442Kb / 5P
Linear Voltage Regulator
7812AC SS-7812AC Datasheet
442Kb / 5P
Linear Voltage Regulator
7815 SS-7815 Datasheet
481Kb / 5P
Linear Voltage Regulator
7905AC SS-7905AC Datasheet
423Kb / 5P
Linear Voltage Regulator
SIS1084L-ADJ SS-SIS1084L-ADJ Datasheet
299Kb / 4P
Linear Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com