Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSF Datasheet (PDF) - Apex Electronics Co., Ltd

RSF Datasheet PDF - Apex Electronics Co., Ltd
Part # RSF
Download  RSF Download
File Size   1822.91 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 10*10mm rotary coded switch, SMD and through hole

RSF Datasheet (PDF)

Go To PDF Page Download Datasheet
RSF Datasheet PDF - Apex Electronics Co., Ltd

Part # RSF
Download  RSF Click to download

File Size   1822.91 Kbytes
Page   3 Pages
Manufacturer  APEX-ELECTRONICS [Apex Electronics Co., Ltd]
Direct Link  https://apex-electronics.com/index.php
Logo APEX-ELECTRONICS - Apex Electronics Co., Ltd
Description 10*10mm rotary coded switch, SMD and through hole

RSF Datasheet (HTML) - Apex Electronics Co., Ltd


RSF Product details

Waterproof available
Available for 10, 16 positions
SMD or through holes
Sharp detent feel
Multiple options of actuators
Product Features




Similar Part No. - RSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF ETC1-RSF Datasheet
46Kb / 2P
FLAME-PROOF TYPE
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
logo
YAGEO Corporation
RSF YAGEO-RSF Datasheet
1Mb / 18P
Metal Oxide Film Resistors
Apr. 01, 2024 V.4
logo
Raltron Electronics Cor...
RSF-110.592-1152-5050-TR RALTRON-RSF-110.592-1152-5050-TR Datasheet
209Kb / 3P
RF SAW FILTER
RSF-110.592-1152-5070-TR RALTRON-RSF-110.592-1152-5070-TR Datasheet
280Kb / 3P
RF SAW FILTER
More results


Similar Description - RSF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
10mm DIP Coded Rotary Switches
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
ROTARY CODED SWITCHES (SMD)
S-7070EB ETC2-S-7070EB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
S-4010A ETC2-S-4010A Datasheet
153Kb / 4P
ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
S-4000 COPAL-S-4000 Datasheet
957Kb / 4P
ROTARY CODED SWITCHES (SMD)
S-7000 COPAL-S-7000 Datasheet
1Mb / 8P
ROTARY CODED SWITCHES (SMD)
logo
C&K Components
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
10mm DIP Coded Rotary Switches
2020
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
10mm DIP Coded Rotary Switches
8 Feb 23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com