Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20C1.5YY Datasheet (PDF) - Belden Inc.

20C1.5YY Datasheet PDF - Belden Inc.
Part # 20C1.5YY
Download  20C1.5YY Download
File Size   155.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt

20C1.5YY Datasheet (PDF)

Go To PDF Page Download Datasheet
20C1.5YY Datasheet PDF - Belden Inc.

Part # 20C1.5YY
Download  20C1.5YY Click to download

File Size   155.99 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description MachFlex™ LiYY, 20 C 1.5mm² Str BC, PVC Ins, PVC Jkt

20C1.5YY Datasheet (HTML) - Belden Inc.


20C1.5YY Product details

Product Description
MachFlex™ LiYY PVC Control & Signal Cables, 20 Conductor 1.5mm² Stranded Bare Copper, PVC Insulation, PVC Jacket




Similar Part No. - 20C1.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20C1.0YCY BELDEN-20C1.0YCY Datasheet
151Kb / 2P
MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
20C1.0YCY-006100M BELDEN-20C1.0YCY-006100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
20C1.0YCY-006200M BELDEN-20C1.0YCY-006200M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
20C1.0YCY-006300M BELDEN-20C1.0YCY-006300M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
20C1.0YCY-010100M BELDEN-20C1.0YCY-010100M Datasheet
151Kb / 2P
MachFlex™ LiYCY, 20 C 1 mm² Str BC, PVC Ins, TCBS, PVC Jkt
11-15-2023
More results


Similar Description - 20C1.5YY

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
9457 BELDEN-9457 Datasheet
271Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, PVC Jkt, CMG
8678 BELDEN-8678 Datasheet
153Kb / 2P
Electronic, 2 C #10 Str BC, PVC Ins, PVC Jkt
05-05-2023
9431 BELDEN-9431 Datasheet
211Kb / 2P
Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9439 BELDEN-9439 Datasheet
206Kb / 2P
Electronic, 7 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9455 BELDEN-9455 Datasheet
145Kb / 2P
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8484 BELDEN-8484 Datasheet
144Kb / 2P
Electronic, 4 C #20 Str BC, PVC Ins, PVC Jkt
05-05-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com