Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWCT2012AVLH Datasheet (PDF) - NXP Semiconductors

MWCT2012AVLH Datasheet PDF - NXP Semiconductors
Part # MWCT2012AVLH
Download  MWCT2012AVLH Download
File Size   1112.1 Kbytes
Page   76 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH

MWCT2012AVLH Datasheet (PDF)

Go To PDF Page Download Datasheet
MWCT2012AVLH Datasheet PDF - NXP Semiconductors

Part # MWCT2012AVLH
Download  MWCT2012AVLH Click to download

File Size   1112.1 Kbytes
Page   76 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH

MWCT2012AVLH Datasheet (HTML) - NXP Semiconductors


MWCT2012AVLH Product details

The series of MWCT2xx2A is an automotive wireless power transmitter controller that integrates all required functions for Wireless Power Consortium (WPC) "Qi" compliant wireless power transmitter design. It is a safe and secure device which utilizes the DSASS security module to support on-chip Qi authentication. To maximize the design flexibility and product differentiation, this family supports both WPC's baseline power profile and extended power profile in automotive/industrial/consumer power transmitter designs, using the fixed operation frequency control methods such as rail voltage control, phase shift control or duty cycle control etc. In addition, the easy-to-use NXP's FreeMASTER GUI tool has configuration, calibration and debugging functions to provide the user-friendly design experience and reduce time-to-market. This family supports up to 2 digital demodulation modules to reduce the external components, up to 2 FSK modulation modules to support two-way communication, protection module to perform the over- voltage/ current/temperature protection, FOD module to provide the protection of overheating by misplaced metallic foreign objects on each charging pad, and general I2C/SCI/SPI interfaces for external communications. It is also able to process any abnormal condition and operational status, and provides comprehensive indicator outputs for robust system design.

Features
• Compliant with the latest version WPC Qi
specification's power transmitter design
• On-chip security module supports authentication
required in WPC Qi specification
• Support both EPP and BPP as well as customer
proprietary protocol to enable fast charging and
authentication
• Support wide transmitter DC input voltage range (from
5 V to 48 V)
• Integrated digital demodulation
• Support two-way communication, transmitter to
receiver by FSK and receiver to transmitter by ASK
• Support Q factor detection and calibrated power loss
based Foreign Object Detection (FOD) framework
• Low standby power
• I2C/SCI/SPI interfaces
• LED for system status indication
• Over-voltage/current/temperature protection
• Software based solution to provide the design
flexibility as well as product upgrade without
hardware changes
• AEC-Q100 qualified and PPAP capable

Applications
• Wireless Power Transmitters:
• Automotive and Industrial and Consumer
• Single coil or multi-coil
• Single Transmitter or Multi Transmitters
controlled by the same device
• WPC Baseline and Extended Power Profile
(BPP and EPP) compliant
• Customer proprietary protocols and all Qi
topologies supported




Similar Part No. - MWCT2012AVLH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MWCT2012A NXP-MWCT2012A Datasheet
1Mb / 76P
Supports MWCT20D2AVLH, MWCT2012AVLH and MWCT20D2VLH
Rev. 2.1, 05/2024
More results


Similar Description - MWCT2012AVLH

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT812 AXIOMTEK-GOT812 Datasheet
300Kb / 2P
Supports suspension and VESA mount
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
Supports fanless and noiseless operation
logo
Integrated Device Techn...
82V3391 IDT-82V3391 Datasheet
60Kb / 5P
Supports 1PPS input and output
logo
Axiomtek Co., Ltd.
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
Supports fanless and noiseless operation
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
Supports the ATtiny24 and ATtiny26
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
NXP Semiconductors
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F81XXXL NXP-MC56F81XXXL Datasheet
890Kb / 76P
MC56F81xxx Supports MC56F81xxxL and MC56F81xxxA
Rev. 2.1, 12/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com