Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6931034 Datasheet (PDF) - Turck, Inc.

6931034 Datasheet PDF - Turck, Inc.
Part # 6931034
Download  6931034 Download
File Size   945.31 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Absolute Rotary Encoder - Multiturn Industrial Line

6931034 Datasheet (PDF)

Go To PDF Page Download Datasheet
6931034 Datasheet PDF - Turck, Inc.

Part # 6931034
Download  6931034 Click to download

File Size   945.31 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Absolute Rotary Encoder - Multiturn Industrial Line

6931034 Datasheet (HTML) - Turck, Inc.


6931034 Product details

Features
■Clamping flange, Ø 36 mm
■Solid shaft, Ø 8 mm × 15 mm
■Magnetic measuring principle
■Shaft material: stainless steel
■Protection class IP67 on housing and shaft
side
■‐40…+80 °C
■Max. 4000 rpm (continuous operation 2000
rpm)
■10-30 VDC
■SAE J1939
■M12 connection, 5-pin
■Singleturn resolution 14 bit scalable, default
14 bit
■Multiturn resolution scalable up to 29 bit over
total resolution, default 18 bit
■Total resolution 32 bit scalable, default: 32 bit




Similar Part No. - 6931034

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
6931034 TURCK-6931034 Datasheet
2Mb / 5P
Contactless Encoder – CANopen Premium Line
11/07/2023
6931034 TURCK-6931034 Datasheet
209Kb / 2P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
6931034 TURCK-6931034 Datasheet
206Kb / 2P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
6931034 TURCK-6931034 Datasheet
278Kb / 3P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
6931034 TURCK-6931034 Datasheet
907Kb / 2P
Absolute Rotary Encoder - Multiturn Industrial Line
11/07/2023
More results


Similar Description - 6931034

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
PVM58X PF-PVM58X Datasheet
489Kb / 5P
Multiturn absolute encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com